Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1455 Datasheet (PDF) - ON Semiconductor

MC1455 Datasheet PDF - ON Semiconductor
Part # MC1455
Download  MC1455 Download

File Size   204.81 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Timers

MC1455 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC1455 Datasheet PDF - ON Semiconductor

Part # MC1455
Download  MC1455 Click to download

File Size   204.81 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Timers

MC1455 Datasheet (HTML) - ON Semiconductor

MC1455 Datasheet HTML 1Page - ON Semiconductor MC1455 Datasheet HTML 2Page - ON Semiconductor MC1455 Datasheet HTML 3Page - ON Semiconductor MC1455 Datasheet HTML 4Page - ON Semiconductor MC1455 Datasheet HTML 5Page - ON Semiconductor MC1455 Datasheet HTML 6Page - ON Semiconductor MC1455 Datasheet HTML 7Page - ON Semiconductor MC1455 Datasheet HTML 8Page - ON Semiconductor MC1455 Datasheet HTML 9Page - ON Semiconductor MC1455 Datasheet HTML 10Page - ON Semiconductor

MC1455 Product details

Timers



The MC1455 monolithic timing circuit is a highly stable controller capable of producing accurate time delays or oscillation. Additional terminals are provided for triggering or resetting if desired. In the time delay mode, time is precisely controlled by one external resistor and capacitor. For astable operation as an oscillator, the free−running frequency and the duty cycle are both accurately controlled with two external resistors and one capacitor. The circuit may be triggered and reset on falling waveforms, and the output structure can source or sink up to 200 mA or drive TTL circuits.



Features

•Direct Replacement for NE555 Timers

•Timing from Microseconds through Hours

•Operates in Both Astable and Monostable Modes

•Adjustable Duty Cycle

•High Current Output Can Source or Sink 200 mA

•Output Can Drive TTL

•Temperature Stability of 0.005% per °C

•Normally ON or Normally OFF Output

•Pb−Free Packages are Available




Similar Part No. - MC1455

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
223Kb / 11P
   Timers Direct Replacement for NE555 Timers Adjustable Duty Cycle
December, 2009 ??Rev. 10
logo
Motorola, Inc
MC145500 MOTOROLA-MC145500 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
MC145501 MOTOROLA-MC145501 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
More results


Similar Description - MC1455

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
Texas Instruments
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
logo
Carlo Gavazzi Holding A...
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
   Timers Multifunction
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
Texas Instruments
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
logo
List of Unclassifed Man...
EBSSM2310M ETC2-EBSSM2310M Datasheet
63Kb / 2P
   Timers Interval
DMB01CM24 ETC2-DMB01CM24 Datasheet
132Kb / 4P
   Timers Multifunction
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com