Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14551BD Datasheet (PDF) - ON Semiconductor

MC14551BD Datasheet PDF - ON Semiconductor
Part # MC14551BD
Download  MC14551BD Download

File Size   115.49 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2-Channel Analog Multiplexer/Demultiplexer

MC14551BD Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14551BD Datasheet PDF - ON Semiconductor

Part # MC14551BD
Download  MC14551BD Click to download

File Size   115.49 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2-Channel Analog Multiplexer/Demultiplexer

MC14551BD Datasheet (HTML) - ON Semiconductor

Back Button MC14551BD Datasheet HTML 1Page - ON Semiconductor MC14551BD Datasheet HTML 2Page - ON Semiconductor MC14551BD Datasheet HTML 3Page - ON Semiconductor MC14551BD Datasheet HTML 4Page - ON Semiconductor MC14551BD Datasheet HTML 5Page - ON Semiconductor MC14551BD Datasheet HTML 6Page - ON Semiconductor MC14551BD Datasheet HTML 7Page - ON Semiconductor MC14551BD Datasheet HTML 8Page - ON Semiconductor MC14551BD Datasheet HTML 9Page - ON Semiconductor MC14551BD Datasheet HTML 10Page - ON Semiconductor Next Button 

MC14551BD Product details

The MC14551B is a digitally−controlled analog switch. This device implements a 4PDT solid state switch with low ON impedance and very low OFF Leakage current. Control of analog signals up to the complete supply voltage range can be achieved.



Features

• Triple Diode Protection on All Control Inputs

• Supply Voltage Range = 3.0 Vdc to 18 Vdc

• Analog Voltage Range (VDD − VEE) = 3.0 to 18 V

  Note: VEE must be ≤ VSS

• Linearized Transfer Characteristics

• Low Noise — 12 nV√Cycle, f ≥ 1.0 kHz typical

• For Low RON, Use The HC4051, HC4052, or HC4053 High−Speed CMOS Devices

• Switch Function is Break Before Make

• Pb−Free Packages are Available*



 




Similar Part No. - MC14551BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14551BD ONSEMI-MC14551BD Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
MC14551BDG ONSEMI-MC14551BDG Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
MC14551BDG ONSEMI-MC14551BDG Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC14551BDR2 ONSEMI-MC14551BDR2 Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
MC14551BDR2G ONSEMI-MC14551BDR2G Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
More results


Similar Description - MC14551BD

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B_14 Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC14551B ONSEMI-MC14551B_06 Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com