Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2322-595-2006
(1)
2322-595-2006 - The varistors consist of a disc of low-ceramic material with two tinned solid copper leads. - Vishay Siliconix
Click Here View
2322-595-2006
Datasheet
Part No.
2322-595-2006
Description
The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Download
2322-595-2006
Click here
to View
File Size
281.4 Kbytes / 14 Pages
Maker
VISAY [Vishay Siliconix]
Homepage
http://www.vishay.com
Related Electronics Part Number
Part Number
Components Description
Manufacturer
KPC714
Photocoupler
These
Photocouplers
consist
of
two
Gallium
Arsenide
Infrared
Emitting
KODENSHI KOREA CORP.
TK70003
SINGLE
OUTPUT
TWO
INPUT
SOLID
STATE
SWITCH
TOKO, Inc
LC86E6548
8-Bit
Single
Chip
Microcontroller
with
the
UVEPROM
Sanyo Semicon Device
74ALVCR162601
Low
Voltage
18-Bit
Universal
Bus
Transceivers
with
3.6V
Tolerant
Inputs
and
Outputs
and
26§Ù
Series
Resistors
in
the
Outputs
Fairchild Semiconductor
74VCX162827
Low
Voltage
20-Bit
Buffer
Line
Driver
with
3.6V
Tolerant
Inputs
and
Outputs
and
26
Series
Resistors
in
the
Outputs
Fairchild Semiconductor
AN201
High-Performance
Multiplexing
with
the
DG408
Vishay Siliconix
L76761CSYC
The
Super
Bright
Yellow
source
color
devices
are
made
with
DH
InGaAIP
on
GaAs
substrate
Light
Emitting
Diode.
Kingbright Corporation
PSA08-11EWA
The
High
Efficiency
Red
source
color
devices
are
made
with
Gallium
Arsenide
Phosphide
on
Gallium
Phosphide
Orange
Light
Emitting
Diode.
Kingbright Corporation
HL6724MG
The
HL6724MG
is
a
0.67
um
band
AlGaInP
laser
diode
with
a
multi-quantum
well
MQW
structure
Hitachi Semiconductor
D1B121000
Dip
type
construction
with
the
same
terminal
pitch
as
ICs
or
TTLs
simplifies
PC
board
designing.
COSMO Electronics Corporation
Link URL :
Related keyword
2322-595-2006 Datasheet
2322-595-2006 Cross Reference
2322-595-2006 Schematic
2322-595-2006 Distributor
2322-595-2006 Datenblatt
2322-595-2006 RoHS
2322-595-2006 Equivalent
2322-595-2006 Application Notes
2322-595-2006 Data Sheet
2322-595-2006 components
2322-595-2006 Fiche Technique
2322-595-2006 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer