Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1496BD Datasheet (PDF) - ON Semiconductor

MC1496BD Datasheet PDF - ON Semiconductor
Part # MC1496BD
Download  MC1496BD Download

File Size   310.72 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description BALANCED MODULATORS/DEMODULATORS

MC1496BD Datasheet (PDF)

Go To PDF Page Download Datasheet
MC1496BD Datasheet PDF - ON Semiconductor

Part # MC1496BD
Download  MC1496BD Click to download

File Size   310.72 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description BALANCED MODULATORS/DEMODULATORS

MC1496BD Datasheet (HTML) - ON Semiconductor

Back Button MC1496BD Datasheet HTML 1Page - ON Semiconductor MC1496BD Datasheet HTML 2Page - ON Semiconductor MC1496BD Datasheet HTML 3Page - ON Semiconductor MC1496BD Datasheet HTML 4Page - ON Semiconductor MC1496BD Datasheet HTML 5Page - ON Semiconductor MC1496BD Datasheet HTML 6Page - ON Semiconductor MC1496BD Datasheet HTML 7Page - ON Semiconductor MC1496BD Datasheet HTML 8Page - ON Semiconductor MC1496BD Datasheet HTML 9Page - ON Semiconductor MC1496BD Datasheet HTML 10Page - ON Semiconductor Next Button 

MC1496BD Product details

These devices were designed for use where the output voltage is a product of an input voltage (signal) and a switching function (carrier). Typical applications include suppressed carrier and amplitude modulation, synchronous detection, FM detection, phase detection, and chopper applications. See ON Semiconductor Application Note AN531 for additional design information.

Features
• Excellent Carrier Suppression
   −65 dB typ @ 0.5 MHz
   −50 dB typ @ 10 MHz
• Adjustable Gain and Signal Handling
• Balanced Inputs and Outputs
• High Common Mode Rejection −85 dB Typical
• This Device Contains 8 Active Transistors
• Pb−Free Package is Available*




Similar Part No. - MC1496BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1496BD ONSEMI-MC1496BD Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496BDG ONSEMI-MC1496BDG Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496BDR2 ONSEMI-MC1496BDR2 Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496BDR2G ONSEMI-MC1496BDR2G Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
More results


Similar Description - MC1496BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1496 ONSEMI-MC1496_06 Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
logo
Anaren Microwave
70668 ANAREN-70668 Datasheet
197Kb / 1P
   Modulators Balanced
70666 ANAREN-70666 Datasheet
192Kb / 1P
   Modulators Balanced
logo
List of Unclassifed Man...
SL1641C ETC1-SL1641C Datasheet
202Kb / 2P
   DOUBLE BALANCED MODULATORS
logo
Marki Microwave
M1B-0618 MARKIMICROWAVE-M1B-0618 Datasheet
215Kb / 2P
   DOUBLE-BALANCED MIXERS BI-PHASE MODULATORS
logo
Merrimac Industries, In...
BPM-2A-250 MERRIMAC-BPM-2A-250 Datasheet
186Kb / 1P
   BIPHASE MODULATORS
JPF-21F-1200B MERRIMAC-JPF-21F-1200B Datasheet
154Kb / 2P
   QUADRAPHASE MODULATORS
JTM-2A-10B MERRIMAC-JTM-2A-10B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
JPP-21R-10B MERRIMAC-JPP-21R-10B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
logo
SYNERGY MICROWAVE CORPO...
SBM-C4 SYNERGY-SBM-C4 Datasheet
267Kb / 3P
   BPSK MODULATORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com