Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9116 Datasheet (PDF) - Intersil Corporation

X9116 Datasheet PDF - Intersil Corporation
Part # X9116
Download  X9116 Download

File Size   247.41 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power, Low Cost

X9116 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9116 Datasheet PDF - Intersil Corporation

Part # X9116
Download  X9116 Click to download

File Size   247.41 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power, Low Cost

X9116 Datasheet (HTML) - Intersil Corporation

X9116 Datasheet HTML 1Page - Intersil Corporation X9116 Datasheet HTML 2Page - Intersil Corporation X9116 Datasheet HTML 3Page - Intersil Corporation X9116 Datasheet HTML 4Page - Intersil Corporation X9116 Datasheet HTML 5Page - Intersil Corporation X9116 Datasheet HTML 6Page - Intersil Corporation X9116 Datasheet HTML 7Page - Intersil Corporation X9116 Datasheet HTML 8Page - Intersil Corporation X9116 Datasheet HTML 9Page - Intersil Corporation

X9116 Product details

The Intersil X9116 is a digitally controlled nonvolatile potentiometer designed to be used in trimmer applications.
The pot consists of 15 equal resistor segments that connect to the wiper pin through programmable CMOS switches. The tap position is programmed through a 3-wire up/down serial port. The last position of the wiper is stored in a nonvolatile memory location which is recalled at the time of power up of the device.

Features
• Solid-state nonvolatile
• 16 wiper taps
• 3-wire up/down serial interface
• VCC = 2.7V and 5V
• Active current < 50µA max.
• Standby current < 1µA max.
• RTOTAL = 10kΩ
• Packages: 8 Ld MSOP, 8 Ld SOIC
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - X9116

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9116 XICOR-X9116 Datasheet
343Kb / 11P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9116 INTERSIL-X9116 Datasheet
199Kb / 9P
   Digitally Controlled Potentiometer
X9116 INTERSIL-X9116 Datasheet
364Kb / 9P
   Digitally Controlled Potentiometer
X9116 INTERSIL-X9116 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9116 RENESAS-X9116 Datasheet
473Kb / 9P
   Low Noise, Low Power, Low Cost Digitally Controlled Potentiometer (XDCP??
More results


Similar Description - X9116

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9116 RENESAS-X9116 Datasheet
473Kb / 9P
   Low Noise, Low Power, Low Cost Digitally Controlled Potentiometer (XDCP??
logo
Analog Devices
AD8613 AD-AD8613_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8619 AD-AD8619_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8617 AD-AD8617_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8436 AD-AD8436 Datasheet
760Kb / 20P
   Low Cost, Low Power
REV. 0
logo
Maxim Integrated Produc...
MAX2406 MAXIM-MAX2406 Datasheet
92Kb / 8P
   Low-Cost Downconverter with Low-Noise Amplifier
19-1303; Rev 0; 10/97
logo
Analog Devices
AD73311L AD-AD73311L_17 Datasheet
411Kb / 37P
   Low Cost, Low Power CMOS
AD8335 AD-AD8335 Datasheet
708Kb / 24P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. 0
AD8335 AD-AD8335_15 Datasheet
900Kb / 28P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. B
AD8691 AD-AD8691_13 Datasheet
316Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com