Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40030S14-C Datasheet (PDF) - Intersil Corporation

X40030S14-C Datasheet PDF - Intersil Corporation
Part # X40030S14-C
Download  X40030S14-C Download

File Size   322.56 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple Voltage Monitor with Intergrated CPU Supervisor

X40030S14-C Datasheet (PDF)

Go To PDF Page Download Datasheet
X40030S14-C Datasheet PDF - Intersil Corporation

Part # X40030S14-C
Download  X40030S14-C Click to download

File Size   322.56 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple Voltage Monitor with Intergrated CPU Supervisor

X40030S14-C Datasheet (HTML) - Intersil Corporation

Back Button X40030S14-C Datasheet HTML 1Page - Intersil Corporation X40030S14-C Datasheet HTML 2Page - Intersil Corporation X40030S14-C Datasheet HTML 3Page - Intersil Corporation X40030S14-C Datasheet HTML 4Page - Intersil Corporation X40030S14-C Datasheet HTML 5Page - Intersil Corporation X40030S14-C Datasheet HTML 6Page - Intersil Corporation X40030S14-C Datasheet HTML 7Page - Intersil Corporation X40030S14-C Datasheet HTML 8Page - Intersil Corporation X40030S14-C Datasheet HTML 9Page - Intersil Corporation X40030S14-C Datasheet HTML 10Page - Intersil Corporation Next Button 

X40030S14-C Product details

The X40030, X40031, X40034, X40035 combine power-on reset control, watchdog timer, supply voltage supervision, second and third voltage supervision, and manual reset, in one package. This combination lowers system cost, reduces board space requirements, and increases reliability.



Features

• Triple voltage detection and reset assertion

   - Standard reset threshold settings; see Table 1 on page 5.

   - Adjust low voltage reset threshold voltages using special programming sequence

   - Reset signal valid to VCC = 1V

   - Monitor three separate voltages

• Fault detection register

• Selectable power-on reset time-out (0.05s, 0.2s, 0.4s, 0.8s)

• Selectable watchdog timer interval (25ms, 200ms, 1.4s or off)

• Debounced manual reset input

• Low power CMOS

   - 25µA typical standby current, watchdog on

   - 6µA typical standby current, watchdog off

• 400kHz 2-wire interface

• 2.7V to 5.5V power supply operation

• Available in 14 Ld SOIC and 14 Ld TSSOP packages

• Monitor voltages: 5V to 0.9V

• Independent core voltage monitor

• Pb-free available (RoHS compliant)



Applications

• Communication equipment

   - Routers, hubs, switches

   - Disk arrays, network storage

• Industrial systems

   - Process control

   - Intelligent instrumentation

• Computer systems

   - Computers

   - Network servers



 




Similar Part No. - X40030S14-C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40030S14-C INTERSIL-X40030S14-C Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030S14-C INTERSIL-X40030S14-C Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030S14-C RENESAS-X40030S14-C Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results


Similar Description - X40030S14-C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com