Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11C4 Datasheet (PDF) - Vishay Siliconix

H11C4 Datasheet PDF - Vishay Siliconix
Part # H11C4
Download  H11C4 Download

File Size   95.58 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, PhotoSCR Output, 400 V VRM, 5 A surge current

H11C4 Datasheet (PDF)

Go To PDF Page Download Datasheet
H11C4 Datasheet PDF - Vishay Siliconix

Part # H11C4
Download  H11C4 Click to download

File Size   95.58 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, PhotoSCR Output, 400 V VRM, 5 A surge current

H11C4 Datasheet (HTML) - Vishay Siliconix

H11C4 Datasheet HTML 1Page - Vishay Siliconix H11C4 Datasheet HTML 2Page - Vishay Siliconix H11C4 Datasheet HTML 3Page - Vishay Siliconix H11C4 Datasheet HTML 4Page - Vishay Siliconix H11C4 Datasheet HTML 5Page - Vishay Siliconix

H11C4 Product details

Description

The H11C4/ H11C5/ H11C6 are optically coupled SCRs with a gallium arsenide infrared emitter and a silicon photo SCR sensor. Switching can be achieved while maintaining a high degree of isolation between triggering and load circuits. These optocouplers can be used in SCR triac and solid state relay applications where high blocking voltages and low input current sensitivity are required.



Features

• Turn on current (IFT), 5.0 mA typical

• Gate trigger current (IGT), 20 mA typical

• Surge anode current, 5.0 A

• Blocking voltage, 400 V gate trigger voltage (VGT), 0.6 V typical

• Isolation test voltage 5300 VRMS

• Solid State reliability

• Lead-free component

• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC




Similar Part No. - H11C4

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11C4 QT-H11C4 Datasheet
415Kb / 5P
   photo scr optocouplers
logo
Fairchild Semiconductor
H11C4 FAIRCHILD-H11C4 Datasheet
589Kb / 11P
   PHOTO SCR OPTOCOUPLERS
logo
New Jersey Semi-Conduct...
H11C4 NJSEMI-H11C4 Datasheet
44Kb / 1P
   Photo SCR
logo
Central Semiconductor C...
H11C4M CENTRAL-H11C4M Datasheet
213Kb / 2P
   PHOTO SCR OPTOCOUPLER
More results


Similar Description - H11C4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL400 VISHAY-IL400 Datasheet
92Kb / 4P
   Optocoupler, PhotoSCR Output, 400 VRM, 1 A surge current
Rev. 1.5, 26-Oct-04
K3020P VISHAY-K3020P_05 Datasheet
196Kb / 10P
   Optocoupler, Phototriac Output, 400 V VDRM
Rev. 1.9, 26-Oct-04
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.2, 09-Sep-13
VO3021 VISHAY-VO3021_V01 Datasheet
203Kb / 11P
   Optocoupler, Phototriac Output, 400 VDRM
01-Jan-2022
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
ON Semiconductor
FOD8314 ONSEMI-FOD8314 Datasheet
434Kb / 20P
   1.0 A Output Current, Gate Drive Optocoupler
March 2016 Rev. 1.1
logo
Sanken electric
FMLB-4204S SANKEN-FMLB-4204S Datasheet
240Kb / 6P
   VRM = 400 V, IF(AV) = 20 A, trr = 50 ns Fast Recovery Diode
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342 Datasheet
444Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD8343 ONSEMI-FOD8343 Datasheet
704Kb / 20P
   4.0 A Output Current, High Speed Gate Drive Optocoupler
May 2017 Rev. 1.0
FOD3125 ONSEMI-FOD3125 Datasheet
301Kb / 18P
   High Temperature, 2.5 A Output Current, Gate Drive Optocoupler
March, 2020 ??Rev. 2
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com