Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3405 Datasheet (PDF) - ON Semiconductor

MC3405 Datasheet PDF - ON Semiconductor
Part # MC3405
Download  MC3405 Download

File Size   182.08 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR

MC3405 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC3405 Datasheet PDF - ON Semiconductor

Part # MC3405
Download  MC3405 Click to download

File Size   182.08 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR

MC3405 Datasheet (HTML) - ON Semiconductor

Back Button MC3405 Datasheet HTML 1Page - ON Semiconductor MC3405 Datasheet HTML 2Page - ON Semiconductor MC3405 Datasheet HTML 3Page - ON Semiconductor MC3405 Datasheet HTML 4Page - ON Semiconductor MC3405 Datasheet HTML 5Page - ON Semiconductor MC3405 Datasheet HTML 6Page - ON Semiconductor MC3405 Datasheet HTML 7Page - ON Semiconductor MC3405 Datasheet HTML 8Page - ON Semiconductor MC3405 Datasheet HTML 9Page - ON Semiconductor MC3405 Datasheet HTML 10Page - ON Semiconductor Next Button 

MC3405 Product details

The MC3405 contains two differential–input operational amplifiers andtwo comparators, each set capable of single supply operation. This operational amplifier–comparator circuit fulfills its applications as a general purpose product for automotive and consumer circuits as well as an industrial building block.
The MC3405 is specified over the commercial operating temperature range of 0° to +70°C.

• Operational Amplifier Equivalent in Performance to MC3403
• Comparator Similar in Performance to LM339
• Single Supply Operation: 3.0 V to 36 V
• Split Supply Operation: ±1.5 V to ±18 V
• Low Supply Current Drain
• Operational Amplifier is Internally Frequency Compensated
• Comparator TTL and CMOS Compatible




Similar Part No. - MC3405

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34050 MOTOROLA-MC34050 Datasheet
382Kb / 7P
   Dual ELA-422/423 Transceivers
MC34051 MOTOROLA-MC34051 Datasheet
382Kb / 7P
   Dual ELA-422/423 Transceivers
MC34055 MOTOROLA-MC34055 Datasheet
184Kb / 16P
   IEEE 802.3 10BASE-T TRANSCEIVER
MC34055DW MOTOROLA-MC34055DW Datasheet
184Kb / 16P
   IEEE 802.3 10BASE-T TRANSCEIVER
MC34058 MOTOROLA-MC34058 Datasheet
240Kb / 12P
   HEX EIA??85 TRANSCEIVER with THREE?밪TATE OUTPUTS
More results


Similar Description - MC3405

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC4556 UTC-MC4556_15 Datasheet
260Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
UM602A UTC-UM602A Datasheet
224Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
logo
Texas Instruments
TSM102 TI1-TSM102_15 Datasheet
1Mb / 17P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR
logo
Unisonic Technologies
M2904 UTC-M2904_15 Datasheet
275Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
UM602-A UTC-UM602-A Datasheet
99Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
MC4560 UTC-MC4560_15 Datasheet
181Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
Unisonic Technologies
UM602A UTC-UM602A_17 Datasheet
166Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
logo
First Components Intern...
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
   Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
logo
Unisonic Technologies
UM602 UTC-UM602 Datasheet
56Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com