Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34280 Datasheet (PDF) - ON Semiconductor

MC34280 Datasheet PDF - ON Semiconductor
Part # MC34280
Download  MC34280 Download

File Size   380.68 Kbytes
Page   20 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Supply & Management IC for Handheld Electronic Products

MC34280 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34280 Datasheet PDF - ON Semiconductor

Part # MC34280
Download  MC34280 Click to download

File Size   380.68 Kbytes
Page   20 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Supply & Management IC for Handheld Electronic Products

MC34280 Datasheet (HTML) - ON Semiconductor

Back Button MC34280 Datasheet HTML 1Page - ON Semiconductor MC34280 Datasheet HTML 2Page - ON Semiconductor MC34280 Datasheet HTML 3Page - ON Semiconductor MC34280 Datasheet HTML 4Page - ON Semiconductor MC34280 Datasheet HTML 5Page - ON Semiconductor MC34280 Datasheet HTML 6Page - ON Semiconductor MC34280 Datasheet HTML 7Page - ON Semiconductor MC34280 Datasheet HTML 8Page - ON Semiconductor MC34280 Datasheet HTML 9Page - ON Semiconductor MC34280 Datasheet HTML 10Page - ON Semiconductor Next Button 

MC34280 Product details

Power Supply & Management IC for Handheld Electronic Products

The MC34280 is a power supply integrated circuit which provides two boost regulated outputs and some power management supervisory functions. Both regulators apply Pulse–Frequency–Modulation (PFM). The main step–up regulator output can be externally adjusted from 2.7V to 5V. An internal synchronous rectifier is used to ensure high efficiency (achieve 87%). The auxiliary regulator with a built–in power transistor can be configured to produce a wide range of positive voltage (can be used for LCD contrast voltage). This voltage can be adjusted from +5V to +25V by an external potentiometer; or by a microprocessor, digitally through a 6–bit internal DAC.

FEATURES:
• Low Input Voltage, 1V up
• Low Quiescent Current in Standby Mode: 35µA typical
• PFM and Synchronous Rectification to ensure high efficiency (87% @200mA Load)
• Adjustable Main Output: nominal 3.3V @ 200mA max, with 1.8V input
• Auxiliary Output Voltage can be digitally controlled by microprocessor
• Auxiliary Output Voltage:
    +5V @ 25mA max, with 1.8V input
    +25V @ 15mA max, with 1.8V input
• Current Limit Protection
• Power–ON Reset Signal with Programmable Delay
• Battery Low Detection
• Lithium Battery Back–up
• 32–Pin LQFP Package

APPLICATIONS:
• Digital Organizer and Dictionary
• Personal Digital Assistance (PDA)
• Dual Output Power Supply (For MPU, Logic, Memory, LCD)
• Handheld Battery Powered Device (1–2 AA/AAA cell)




Similar Part No. - MC34280

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3420 MOTOROLA-MC3420 Datasheet
880Kb / 19P
   SWITCHMODE REGULATOR CONTROL CIRCUIT
MC3420L MOTOROLA-MC3420L Datasheet
880Kb / 19P
   SWITCHMODE REGULATOR CONTROL CIRCUIT
MC3420P MOTOROLA-MC3420P Datasheet
880Kb / 19P
   SWITCHMODE REGULATOR CONTROL CIRCUIT
logo
List of Unclassifed Man...
MC34213 ETC2-MC34213 Datasheet
136Kb / 1P
   Fan Power Cord
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
   PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
More results


Similar Description - MC34280

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL2203 TI-TWL2203 Datasheet
215Kb / 16P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC
logo
Active-Semi, Inc
ACT8332 ACTIVE-SEMI-ACT8332_10 Datasheet
296Kb / 13P
   Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 24-May-10
ACT8700 ACTIVE-SEMI-ACT8700 Datasheet
164Kb / 2P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
10-Aug-07
ACT8710 ACTIVE-SEMI-ACT8710 Datasheet
111Kb / 2P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8352 ACTIVE-SEMI-ACT8352 Datasheet
166Kb / 2P
   Four-Channel Integrated Power Management IC for Handheld Portable Equipment
05-May-09
ACT8712 ACTIVE-SEMI-ACT8712_08 Datasheet
655Kb / 36P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 25-Feb-08
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
logo
Shenzhen Huazhimei Semi...
HM8332 HMSEMI-HM8332 Datasheet
209Kb / 8P
   Three Channels Integrated Power Management IC for Handheld Portable Equipment
logo
Active-Semi, Inc
ACT8332 ACTIVE-SEMI-ACT8332 Datasheet
82Kb / 2P
   Three-Channel Integrated Power Management IC for Handheld Portable Equipment
18-Dec-07
ACT8702 ACTIVE-SEMI-ACT8702 Datasheet
73Kb / 2P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com