Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5462 Datasheet (PDF) - Intersil Corporation

EL5462 Datasheet PDF - Intersil Corporation
Part # EL5462
Download  EL5462 Download

File Size   416.93 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 500MHz Low Power Current Feedback Amplifier

EL5462 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5462 Datasheet PDF - Intersil Corporation

Part # EL5462
Download  EL5462 Click to download

File Size   416.93 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 500MHz Low Power Current Feedback Amplifier

EL5462 Datasheet (HTML) - Intersil Corporation

EL5462 Datasheet HTML 1Page - Intersil Corporation EL5462 Datasheet HTML 2Page - Intersil Corporation EL5462 Datasheet HTML 3Page - Intersil Corporation EL5462 Datasheet HTML 4Page - Intersil Corporation EL5462 Datasheet HTML 5Page - Intersil Corporation EL5462 Datasheet HTML 6Page - Intersil Corporation EL5462 Datasheet HTML 7Page - Intersil Corporation EL5462 Datasheet HTML 8Page - Intersil Corporation EL5462 Datasheet HTML 9Page - Intersil Corporation

EL5462 Product details

The EL5462 is a current feedback amplifier with a bandwidth of 500MHz which makes this amplifier ideal for today’s high speed video and monitor applications.

With a supply current of just 1.5mA per amplifier and the ability to run from a single supply voltage from 5V to 12V, the EL5462 is also ideal for handheld, portable or battery powered equipment.

The EL5462 is available in a 14-pin SO package and operates over the industrial temperature range of -40°C to +85°C.



Features

• 500MHz -3dB bandwidth

• 4000V/µs slew rate

• 1.5mA supply current per amplifier

• Single and dual supply operation, from 5V to 12V supply span

• High speed, 1.4GHz product available (EL5167 & EL5167)

• High speed, 4mA, 630MHz product available (EL5164 & EL5165)

• Pb-free available (RoHS compliant)



Applications

• Battery-powered equipment

• Handheld, portable devices

• Video amplifiers

• Cable drivers

• RGB amplifiers

• Test equipment

• Instrumentation

• Current-to-voltage converters



 




Similar Part No. - EL5462

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5462 RENESAS-EL5462 Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Intersil Corporation
EL5462 INTERSIL-EL5462 Datasheet
419Kb / 9P
   500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Renesas Technology Corp
EL5462IS RENESAS-EL5462IS Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Intersil Corporation
EL5462IS-T13 INTERSIL-EL5462IS-T13 Datasheet
419Kb / 9P
   500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Renesas Technology Corp
EL5462IS-T13 RENESAS-EL5462IS-T13 Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
More results


Similar Description - EL5462

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5462IS-T7 INTERSIL-EL5462IS-T7 Datasheet
419Kb / 9P
   500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Renesas Technology Corp
EL5462 RENESAS-EL5462 Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ INTERSIL-EL5162ISZ Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Exar Corporation
CLC1006 EXAR-CLC1006 Datasheet
1Mb / 16P
   Single, 500MHz Voltage Feedback Amplifier
logo
Cadeka Microcircuits LL...
CLC1006 CADEKA-CLC1006 Datasheet
1Mb / 16P
   Single, 500MHz Voltage Feedback Amplifier
logo
Linear Technology
LT1217 LINER-LT1217_15 Datasheet
221Kb / 8P
   Low Power 10MHz Current Feedback Amplifier
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com