Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8050JD Datasheet (PDF) - Allegro MicroSystems

SI-8050JD Datasheet PDF - Allegro MicroSystems
Part # SI-8050JD
Download  SI-8050JD Download

File Size   538.35 Kbytes
Page   10 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Step-Down to 5.0 V, 1.5 A, DC/DC Converter

SI-8050JD Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-8050JD Datasheet PDF - Allegro MicroSystems

Part # SI-8050JD
Download  SI-8050JD Click to download

File Size   538.35 Kbytes
Page   10 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Step-Down to 5.0 V, 1.5 A, DC/DC Converter

SI-8050JD Datasheet (HTML) - Allegro MicroSystems

SI-8050JD Datasheet HTML 1Page - Allegro MicroSystems SI-8050JD Datasheet HTML 2Page - Allegro MicroSystems SI-8050JD Datasheet HTML 3Page - Allegro MicroSystems SI-8050JD Datasheet HTML 4Page - Allegro MicroSystems SI-8050JD Datasheet HTML 5Page - Allegro MicroSystems SI-8050JD Datasheet HTML 6Page - Allegro MicroSystems SI-8050JD Datasheet HTML 7Page - Allegro MicroSystems SI-8050JD Datasheet HTML 8Page - Allegro MicroSystems SI-8050JD Datasheet HTML 9Page - Allegro MicroSystems SI-8050JD Datasheet HTML 10Page - Allegro MicroSystems

SI-8050JD Product details

FEATURES
■ 7 V to 40 V Input Range
■ 1.5 A Output Current at 5.0 V
■ 2% Output Voltage Tolerance
■ Foldback Current Limiting
■ Constant 125 kHz Switching Frequency
■ 200 µA Maximum Standby Current
■ Soft Start Prevents Supply Voltage Dip
■ Remote Voltage Sensing
■ Exposed Pad for Superior Heat Dissipation
■ Thermal Protection




Similar Part No. - SI-8050JD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8050JD SANKEN-SI-8050JD Datasheet
442Kb / 2P
   Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8050JD SANKEN-SI-8050JD Datasheet
59Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
More results


Similar Description - SI-8050JD

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
Allegro MicroSystems
SI-8090JD ALLEGRO-SI-8090JD Datasheet
600Kb / 10P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com