Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2130 Datasheet (PDF) - Intersil Corporation

EL2130 Datasheet PDF - Intersil Corporation
Part # EL2130
Download  EL2130 Download

File Size   205.69 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 85MHz Current Feedback Amplifier

EL2130 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2130 Datasheet PDF - Intersil Corporation

Part # EL2130
Download  EL2130 Click to download

File Size   205.69 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 85MHz Current Feedback Amplifier

EL2130 Datasheet (HTML) - Intersil Corporation

EL2130 Datasheet HTML 1Page - Intersil Corporation EL2130 Datasheet HTML 2Page - Intersil Corporation EL2130 Datasheet HTML 3Page - Intersil Corporation EL2130 Datasheet HTML 4Page - Intersil Corporation EL2130 Datasheet HTML 5Page - Intersil Corporation EL2130 Datasheet HTML 6Page - Intersil Corporation EL2130 Datasheet HTML 7Page - Intersil Corporation

EL2130 Product details

The EL2130 is a wideband current mode feedback amplifier optimized for gains between -10 and +10 while operating on ±5V power supplies. Built using Elantecs Complementary Bipolar process, this device exhibits -3dB bandwidths in excess of 85MHz at unity gain and 75MHz at a gain of two. The EL2130 is capable of output currents in excess of 50mA giving it the ability to drive either double or single terminated 50Ω coaxial cables.

Features
• -3dB bandwidth = 85MHz, AV = 1
• -3dB bandwidth = 75MHz, AV = 2
• NTSC/PAL dG ≤ 0.03%, dP ≤ 0.1°
• 50mA output current
• Drives ±2.5V into 100Ω load
• Low voltage noise = 4nV√Hz
• Current mode feedback
• Low cost

Applications
• Video amplifier
• Video distribution amplifier
• Residue amplifiers in ADC
• Current to voltage converter
• Coaxial cable driver




Similar Part No. - EL2130

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
EL2130CN ELANTEC-EL2130CN Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
EL2130CS ELANTEC-EL2130CS Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
More results


Similar Description - EL2130

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Elantec Semiconductor
EL5192C ELANTEC-EL5192C Datasheet
372Kb / 17P
   600MHz Current Feedback Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com