Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8186 Datasheet (PDF) - Intersil Corporation

EL8186 Datasheet PDF - Intersil Corporation
Part # EL8186
Download  EL8186 Download

File Size   497.98 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp

EL8186 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL8186 Datasheet PDF - Intersil Corporation

Part # EL8186
Download  EL8186 Click to download

File Size   497.98 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp

EL8186 Datasheet (HTML) - Intersil Corporation

EL8186 Datasheet HTML 1Page - Intersil Corporation EL8186 Datasheet HTML 2Page - Intersil Corporation EL8186 Datasheet HTML 3Page - Intersil Corporation EL8186 Datasheet HTML 4Page - Intersil Corporation EL8186 Datasheet HTML 5Page - Intersil Corporation EL8186 Datasheet HTML 6Page - Intersil Corporation EL8186 Datasheet HTML 7Page - Intersil Corporation EL8186 Datasheet HTML 8Page - Intersil Corporation EL8186 Datasheet HTML 9Page - Intersil Corporation

EL8186 Product details

Micropower Single Supply Rail-to-Rail Input-Output Op Amp



The EL8186 is a micropower operational amplifier optimized for single supply operation at 5V and can operate down to 2.4V.



Features

• 55µA supply current

• 400µV typical offset voltage

• 500pA input bias current

• 400kHz gain-bandwidth product

• 1MHz -3dB bandwidth

• 0.13V/µs slew rate

• Single supply operation down to 2.4V

• Rail-to-rail input and output

• Output sources and sinks 26mA load current



Applications

• Battery- or solar-powered systems

• 4mA to 25mA current loops

• Handheld consumer products

• Medical devices

• Thermocouple amplifiers

• Photodiode pre amps

• pH probe amplifiers




Similar Part No. - EL8186

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8188 INTERSIL-EL8188 Datasheet
873Kb / 11P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8188 RENESAS-EL8188 Datasheet
990Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
logo
Intersil Corporation
EL8188FIZ-T7 INTERSIL-EL8188FIZ-T7 Datasheet
590Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8188FIZ-T7 RENESAS-EL8188FIZ-T7 Datasheet
990Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
More results


Similar Description - EL8186

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
   Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
641Kb / 8P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188_07 Datasheet
873Kb / 11P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8188 RENESAS-EL8188 Datasheet
990Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com