Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD6688S Datasheet (PDF) - Fairchild Semiconductor

FDD6688S Datasheet PDF - Fairchild Semiconductor
Part # FDD6688S
Download  FDD6688S Download

File Size   181.01 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 30V N-Channel PowerTrench SyncFET

FDD6688S Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD6688S Datasheet PDF - Fairchild Semiconductor

Part # FDD6688S
Download  FDD6688S Click to download

File Size   181.01 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 30V N-Channel PowerTrench SyncFET

FDD6688S Datasheet (HTML) - Fairchild Semiconductor

FDD6688S Datasheet HTML 1Page - Fairchild Semiconductor FDD6688S Datasheet HTML 2Page - Fairchild Semiconductor FDD6688S Datasheet HTML 3Page - Fairchild Semiconductor FDD6688S Datasheet HTML 4Page - Fairchild Semiconductor FDD6688S Datasheet HTML 5Page - Fairchild Semiconductor FDD6688S Datasheet HTML 6Page - Fairchild Semiconductor FDD6688S Datasheet HTML 7Page - Fairchild Semiconductor FDD6688S Datasheet HTML 8Page - Fairchild Semiconductor

FDD6688S Product details

General Description

The FDD6688S is designed to replace a single TO-252 MOSFET and Schottky diode in synchronous DC:DC power supplies. This 30V MOSFET is designed to maximize power conversion efficiency, providing a low RDS(ON) and low gate charge. The FDD6688S includes an integrated Schottky diode using Fairchild’s monolithic SyncFET technology.



Features

• 88 A, 30 V. RDS(ON) = 5.1 mΩ @ VGS = 10 V

                 RDS(ON) = 6.3 mΩ @ VGS = 4.5 V

• Low gate charge (31 nC typical)

• Fast switching

• High performance trench technology for extremely low RDS(ON)



Applications

• DC/DC converter

• Motor Drives



 




Similar Part No. - FDD6688S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD6688S ISC-FDD6688S Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FDD6688S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com