Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC1G04 Datasheet (PDF) - ON Semiconductor

MC74HC1G04 Datasheet PDF - ON Semiconductor
Part # MC74HC1G04
Download  MC74HC1G04 Download

File Size   61.99 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High speed CMOS inverter fabricated with silicon gate CMOS technology

MC74HC1G04 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HC1G04 Datasheet PDF - ON Semiconductor

Part # MC74HC1G04
Download  MC74HC1G04 Click to download

File Size   61.99 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High speed CMOS inverter fabricated with silicon gate CMOS technology

MC74HC1G04 Datasheet (HTML) - ON Semiconductor

MC74HC1G04 Datasheet HTML 1Page - ON Semiconductor MC74HC1G04 Datasheet HTML 2Page - ON Semiconductor MC74HC1G04 Datasheet HTML 3Page - ON Semiconductor MC74HC1G04 Datasheet HTML 4Page - ON Semiconductor MC74HC1G04 Datasheet HTML 5Page - ON Semiconductor MC74HC1G04 Datasheet HTML 6Page - ON Semiconductor

MC74HC1G04 Product details

The MC74HC1G04 is a high speed CMOS inverter fabricated with silicon gate CMOS technology.
The internal circuit is composed of multiple stages, including a buffer output which provides high noise immunity and stable output.
The MC74HC1G04 output drive current is 1/2 compared to MC74HC series.
   
• High Speed: tPD = 7 ns (Typ) at VCC = 5 V
• Low Power Dissipation: ICC = 1 μA (Max) at TA = 25°C
• High Noise Immunity
• Balanced Propagation Delays (tpLH = tpHL)
• Symmetrical Output Impedance (IOH = IOL = 2 mA)
• Chip Complexity: FET = 105
• Pb−Free Packages are Available
   




Similar Part No. - MC74HC1G04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G04 ONSEMI-MC74HC1G04 Datasheet
76Kb / 6P
   Single Inverter
September, 2014 ??Rev. 10
MC74HC1G04 ONSEMI-MC74HC1G04 Datasheet
169Kb / 8P
   Single Inverter
November, 2018 ??Rev. 11
MC74HC1G04DBVT1G ONSEMI-MC74HC1G04DBVT1G Datasheet
169Kb / 8P
   Single Inverter
November, 2018 ??Rev. 11
MC74HC1G04DBVT1G ONSEMI-MC74HC1G04DBVT1G Datasheet
289Kb / 9P
   Single Inverter
May, 2022 ??Rev. 14
MC74HC1G04DFT1G ONSEMI-MC74HC1G04DFT1G Datasheet
76Kb / 6P
   Single Inverter
September, 2014 ??Rev. 10
More results


Similar Description - MC74HC1G04

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1GU04 LRC-L74VHC1GU04 Datasheet
325Kb / 6P
   advanced high speed CMOS Unbuffered inverter fabricated with silicon gate CMOS technology
logo
Toshiba Semiconductor
TC7MET138AFK TOSHIBA-TC7MET138AFK Datasheet
123Kb / 6P
   Advanced High Speed CMOS 3-to-8 line Decoder Fabricated with Silicon Gate CMOS Technology
logo
Hitachi Semiconductor
HD74HCT1G04 HITACHI-HD74HCT1G04 Datasheet
40Kb / 8P
   High speed CMOS inverter using silicon gate CMOS process
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
ON Semiconductor
NLVASB3157 ONSEMI-NLVASB3157 Datasheet
139Kb / 10P
   The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
logo
KODENSHI_AUK CORP.
KK74ACT14 KODENSHI-KK74ACT14 Datasheet
489Kb / 5P
   Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC14 INTEGRAL-IN74AC14 Datasheet
83Kb / 4P
   Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
logo
Shenzhen Huazhimei Semi...
HM74HC04D HMSEMI-HM74HC04D Datasheet
162Kb / 3P
   six-way inverter, high speed Silicon gate CMOS device
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com