Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC367A Datasheet (PDF) - ON Semiconductor

MC74HC367A Datasheet PDF - ON Semiconductor
Part # MC74HC367A
Download  MC74HC367A Download

File Size   155.15 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Hex 3-State Noninverting Buffer with Separate 2-Bit and 4-Bit Sections

MC74HC367A Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HC367A Datasheet PDF - ON Semiconductor

Part # MC74HC367A
Download  MC74HC367A Click to download

File Size   155.15 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Hex 3-State Noninverting Buffer with Separate 2-Bit and 4-Bit Sections

MC74HC367A Datasheet (HTML) - ON Semiconductor

MC74HC367A Datasheet HTML 1Page - ON Semiconductor MC74HC367A Datasheet HTML 2Page - ON Semiconductor MC74HC367A Datasheet HTML 3Page - ON Semiconductor MC74HC367A Datasheet HTML 4Page - ON Semiconductor MC74HC367A Datasheet HTML 5Page - ON Semiconductor MC74HC367A Datasheet HTML 6Page - ON Semiconductor

MC74HC367A Product details

Hex 3−State Noninverting Buffer with Separate 2−Bit and 4−Bit Sections
High−Performance Silicon−Gate CMOS

The MC74HC367A is identical in pinout to the LS367. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.
This device is arranged into 2−bit and 4−bit sections, each having its own active−low Output Enable. When either of the enables is high, the affected buffer outputs are placed into high−impedance states. The HC367A has noninverting outputs.

• Output Drive Capability: 15 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2 to 6 V
• Low Input Current: 1 μA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard No. 7A
• Chip Complexity: 92 FETs or 23 Equivalent Gates




Similar Part No. - MC74HC367A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC367A ONSEMI-MC74HC367A Datasheet
129Kb / 7P
   Hex 3-State Noninverting Buffer
June, 2013 ??Rev. 4
MC74HC367ADG ONSEMI-MC74HC367ADG Datasheet
129Kb / 7P
   Hex 3-State Noninverting Buffer
June, 2013 ??Rev. 4
MC74HC367ADR2G ONSEMI-MC74HC367ADR2G Datasheet
129Kb / 7P
   Hex 3-State Noninverting Buffer
June, 2013 ??Rev. 4
MC74HC367ADTG ONSEMI-MC74HC367ADTG Datasheet
129Kb / 7P
   Hex 3-State Noninverting Buffer
June, 2013 ??Rev. 4
MC74HC367ADTR2G ONSEMI-MC74HC367ADTR2G Datasheet
129Kb / 7P
   Hex 3-State Noninverting Buffer
June, 2013 ??Rev. 4
More results


Similar Description - MC74HC367A

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC367 SLS-SL74HC367 Datasheet
45Kb / 5P
   Hex 3-State Noninverting Buffer with Separate 2-Bit and 4-Bit Sections
logo
KODENSHI_AUK CORP.
KK74HC367A KODENSHI-KK74HC367A Datasheet
221Kb / 6P
   Hex 3-State Noninverting Buffer with Separate 2-Bit and 4-Bit Sections
logo
IK Semicon Co., Ltd
IN74HC367A IKSEMICON-IN74HC367A Datasheet
208Kb / 6P
   Hex 3-State Noninverting Buffer with Separate 2-Bit and 4-Bit Sections High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC54F367 MOTOROLA-MC54F367 Datasheet
57Kb / 2P
   F367 HEX BUFFER/DRIVER 4-BIT PLUS 2-BIT, NONINVERTING 3-STATE
logo
ON Semiconductor
MC74HC367A ONSEMI-MC74HC367A_13 Datasheet
129Kb / 7P
   Hex 3-State Noninverting Buffer
June, 2013 ??Rev. 4
logo
KODENSHI_AUK CORP.
KK74HC365A KODENSHI-KK74HC365A Datasheet
222Kb / 6P
   Hex 3-State Noninverting Buffer with Common Enables
logo
Motorola, Inc
MC54-74HC365 MOTOROLA-MC54-74HC365 Datasheet
198Kb / 6P
   Hex 3-State Noninverting Buffer with Common Enables
logo
ON Semiconductor
MC74HC365A ONSEMI-MC74HC365A_V01 Datasheet
264Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
August, 2019 ??Rev. 3
MC74HC365A ONSEMI-MC74HC365A Datasheet
161Kb / 8P
   Hex 3-State Noninverting Buffer with Common Enables
December, 2009 ??Rev. 2
logo
System Logic Semiconduc...
SL74HC365 SLS-SL74HC365 Datasheet
46Kb / 5P
   Hex 3-State Noninverting Buffer with Common Enables
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com