Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC574A Datasheet (PDF) - ON Semiconductor

MC74HC574A Datasheet PDF - ON Semiconductor
Part # MC74HC574A
Download  MC74HC574A Download

File Size   178.05 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal 3-State Noninverting D Flip-Flop

MC74HC574A Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HC574A Datasheet PDF - ON Semiconductor

Part # MC74HC574A
Download  MC74HC574A Click to download

File Size   178.05 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal 3-State Noninverting D Flip-Flop

MC74HC574A Datasheet (HTML) - ON Semiconductor

MC74HC574A Datasheet HTML 1Page - ON Semiconductor MC74HC574A Datasheet HTML 2Page - ON Semiconductor MC74HC574A Datasheet HTML 3Page - ON Semiconductor MC74HC574A Datasheet HTML 4Page - ON Semiconductor MC74HC574A Datasheet HTML 5Page - ON Semiconductor MC74HC574A Datasheet HTML 6Page - ON Semiconductor MC74HC574A Datasheet HTML 7Page - ON Semiconductor MC74HC574A Datasheet HTML 8Page - ON Semiconductor

MC74HC574A Product details

The MC74HC574A is identical in pinout to the LS574. The device inputs are compatible with standard CMOS outputs; with pull−up resistors, they are compatible with LSTTL outputs. Data meeting the set−up time is clocked to the outputs with the rising edge of the Clock. The Output Enable input does not affect the states of the flip−flops but when Output Enable is high, all device outputs are forced to the high−impedance state. Thus, data may be stored even when the outputs are not enabled. The HC574A is identical in function to the HC374A but has the flip−flop inputs on the opposite side of the package from the outputs to facilitate PC board layout.



Features

• Output Drive Capability: 15 LSTTL Loads

• Outputs Directly Interface to CMOS, NMOS, and TTL

• Operating Voltage Range: 2.0 to 6.0 V

• Low Input Current: 1.0 A

• In Compliance with the Requirements Defined by JEDEC Standard No. 7 A

• Chip Complexity: 266 FETs or 66.5 Equivalent Gates

• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - MC74HC574A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC574A ONSEMI-MC74HC574A Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC574A ONSEMI-MC74HC574A Datasheet
133Kb / 9P
   Octal 3-State Noninverting D Flip-Flop
August, 2014 ??Rev. 15
MC74HC574ADTR2 ONSEMI-MC74HC574ADTR2 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC574ADTR2G ONSEMI-MC74HC574ADTR2G Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC574ADTR2G ONSEMI-MC74HC574ADTR2G Datasheet
153Kb / 9P
   Octal 3-State Noninverting D Flip-Flop
May, 2011 ??Rev. 13
More results


Similar Description - MC74HC574A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT574 INTEGRAL-IN74ACT574 Datasheet
220Kb / 5P
   OCTAL 3-STATE NONINVERTING D FLIP-FLOP
logo
ON Semiconductor
MC74HC574A ONSEMI-MC74HC574A_11 Datasheet
153Kb / 9P
   Octal 3-State Noninverting D Flip-Flop
May, 2011 ??Rev. 13
logo
System Logic Semiconduc...
SL74HC374 SLS-SL74HC374 Datasheet
53Kb / 5P
   Octal 3-State Noninverting D Flip-Flop
logo
KODENSHI_AUK CORP.
KK74HC374A KODENSHI-KK74HC374A Datasheet
250Kb / 6P
   Octal 3-State Noninverting D Flip-Flop
logo
ON Semiconductor
MC74HC574A ONSEMI-MC74HC574A_14 Datasheet
133Kb / 9P
   Octal 3-State Noninverting D Flip-Flop
August, 2014 ??Rev. 15
logo
Motorola, Inc
MC54HC574A MOTOROLA-MC54HC574A Datasheet
100Kb / 7P
   OCTAL 3-STARE NONINVERTING D FLIP-FLOP
MC54HCT374A MOTOROLA-MC54HCT374A Datasheet
119Kb / 7P
   OCTAL 3-STATE NONINVERTING D FLIP-FLOP WITH LSTTL-COM
logo
NXP Semiconductors
74F564 PHILIPS-74F564 Datasheet
80Kb / 10P
   Octal D flip-flop 3-State
1996 Jan 05
logo
ON Semiconductor
MC74HCT574A ONSEMI-MC74HCT574A Datasheet
162Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT574A ONSEMI-MC74HCT574A_11 Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com