Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQA13N50CF Datasheet (PDF) - Fairchild Semiconductor

FQA13N50CF Datasheet PDF - Fairchild Semiconductor
Part # FQA13N50CF
Download  FQA13N50CF Download

File Size   640.04 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 500V N-Channel MOSFET

FQA13N50CF Datasheet (PDF)

Go To PDF Page Download Datasheet
FQA13N50CF Datasheet PDF - Fairchild Semiconductor

Part # FQA13N50CF
Download  FQA13N50CF Click to download

File Size   640.04 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 500V N-Channel MOSFET

FQA13N50CF Datasheet (HTML) - Fairchild Semiconductor

FQA13N50CF Datasheet HTML 1Page - Fairchild Semiconductor FQA13N50CF Datasheet HTML 2Page - Fairchild Semiconductor FQA13N50CF Datasheet HTML 3Page - Fairchild Semiconductor FQA13N50CF Datasheet HTML 4Page - Fairchild Semiconductor FQA13N50CF Datasheet HTML 5Page - Fairchild Semiconductor FQA13N50CF Datasheet HTML 6Page - Fairchild Semiconductor FQA13N50CF Datasheet HTML 7Page - Fairchild Semiconductor FQA13N50CF Datasheet HTML 8Page - Fairchild Semiconductor

FQA13N50CF Product details

Description

This  N-Channel  enhancement  mode  power  MOSFET  is produced  using  Fairchild  Semiconductor’s  proprietary  planar stripe  and  DMOS  technology.  This  advanced  MOSFET

technology  has  been  especially  tailored  to  reduce  on-state resistance, and to provide superior switching performance and high avalanche energy strength. These devices are suitable for

switched  mode  power  supplies,  active  power  factor  correction (PFC), and electronic lamp ballasts.



Features

• 15 A, 500 V, RDS(on)= 480mΩ (Max.) @ VGS= 10 V,ID= 7.5 A

• Low Gate Charge (Typ.43 nC)

• Low Crss(Typ.20 pF)

• 100% Avalanche Tested

• Fast Recovery Body Diode (Typ.100 ns)




Similar Part No. - FQA13N50CF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF Datasheet
767Kb / 9P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA13N50CF ISC-FQA13N50CF Datasheet
362Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQA13N50CF_F109 FAIRCHILD-FQA13N50CF_F109 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
More results


Similar Description - FQA13N50CF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com