Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
QTLP660C-2
(1)
QTLP660C-3
(1)
QTLP660C-4
(1)
QTLP660C-7
(1)
QTLP660C-A
(1)
QTLP660C-B
(1)
QTLP660C-E
(1)
QTLP660C-I
(2)
QTLP660C-O
(1)
QTLP660C-R
(1)
QTLP660C-Y
(1)
QTLP660C-4 - SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens) - Fairchild Semiconductor
Click Here View
QTLP660C-4
Datasheet
Part No.
QTLP660C-4
Description
SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
Download
QTLP660C-4
Click here
to View
File Size
372.52 Kbytes / 7 Pages
Maker
FAIRCHILD [Fairchild Semiconductor]
Homepage
http://www.fairchildsemi.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
QTLP651C
SURFACE
MOUNT
LED
LAMP
STANDARD
BRIGHT
1206
Inner
Lens
Fairchild Semiconductor
QTLP653C
SURFACE
MOUNT
LED
LAMP
STANDARD
BRIGHT
1206
Reverse
Mount
with
Inner
Lens
Fairchild Semiconductor
QTLP660C
SURFACE
MOUNT
LED
LAMP
SUPER
BRIGHT
1.8
mm
Dome
Lens
Fairchild Semiconductor
QTLP600C
SURFACE
MOUNT
LED
LAMP
STANDARD
BRIGHT
0606
Fairchild Semiconductor
QTLP601C
SURFACE
MOUNT
LED
LAMP
STANDARD
BRIGHT
0603
0.6
mm
Height
Fairchild Semiconductor
QTLP610C
SURFACE
MOUNT
LED
LAMP
STANDARD
BRIGHT
RIGHT
ANGLE
Fairchild Semiconductor
QTLP630C
SURFACE
MOUNT
LED
LAMP
STANDARD
BRIGHT
0805
Fairchild Semiconductor
QTLP650C
SURFACE
MOUNT
LED
LAMP
STANDARD
BRIGHT
1206
Fairchild Semiconductor
QTLP652C
SURFACE
MOUNT
LED
LAMP
STANDARD
BRIGHT
1206
Reverse
Mount
Fairchild Semiconductor
QTLP670C
SURFACE
MOUNT
LED
LAMP
STANDARD
BRIGHT
PLCC-4
Fairchild Semiconductor
Link URL :
Related keyword
QTLP660C-4 Datasheet
QTLP660C-4 Cross Reference
QTLP660C-4 Schematic
QTLP660C-4 Distributor
QTLP660C-4 Datenblatt
QTLP660C-4 RoHS
QTLP660C-4 Equivalent
QTLP660C-4 Application Notes
QTLP660C-4 Data Sheet
QTLP660C-4 components
QTLP660C-4 Fiche Technique
QTLP660C-4 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer