Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA5130 Datasheet (PDF) - Intersil Corporation

CA5130 Datasheet PDF - Intersil Corporation
Part # CA5130
Download  CA5130 Download

File Size   638.77 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output

CA5130 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA5130 Datasheet PDF - Intersil Corporation

Part # CA5130
Download  CA5130 Click to download

File Size   638.77 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output

CA5130 Datasheet (HTML) - Intersil Corporation

Back Button CA5130 Datasheet HTML 1Page - Intersil Corporation CA5130 Datasheet HTML 2Page - Intersil Corporation CA5130 Datasheet HTML 3Page - Intersil Corporation CA5130 Datasheet HTML 4Page - Intersil Corporation CA5130 Datasheet HTML 5Page - Intersil Corporation CA5130 Datasheet HTML 6Page - Intersil Corporation CA5130 Datasheet HTML 7Page - Intersil Corporation CA5130 Datasheet HTML 8Page - Intersil Corporation CA5130 Datasheet HTML 9Page - Intersil Corporation CA5130 Datasheet HTML 10Page - Intersil Corporation Next Button 

CA5130 Product details

15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output

CA5130A and CA5130 are integrated circuit operational amplifiers that combine the advantage of both CMOS and bipolar transistors on a monolithic chip. They are designed and guaranteed to operate in microprocessors or logic systems that use +5V supplies.

Gate protected P-Channel MOSFET (PMOS) transistors are used in the input circuit to provide very high input impedance, very low input current, and exceptional speed performance. The use of PMOS field effect transistors in the input stage results in common mode input voltage capability down to 0.5V below the negative supply terminal, an important attribute in single supply applications.



Features

• MOSFET Input Stage

   - Very High Zl . . . . . . . . . . . . . 1.5TΩ (1.5 x 1012Ω) (Typ)

   - Very Low ll . . . . . . . . . . . . . 5pA (Typ) at 15V Operation 2pA (Typ) at 5V Operation

• Ideal for Single Supply Applications

• Common Mode Input Voltage Range Includes Negative Supply Rail; Input Terminals Can Be Swung 0.5V Below Negative Supply Rail

• CMOS Output Stage Permits Signal Swing to Either (or Both) Supply Rails

• CA5130A, CA5130 Have Full Military Temperature Range Guaranteed Specifications for V+ = 5V

• CA5130A, CA5130 Are Guaranteed to Operate Down to V+ = 4.5V for AOL

• CA5130A, CA5130 Are Guaranteed to Operate at ±7.5V CA3130A, CA3130 Specifications



Applications

• Ground Referenced Single Supply Amplifiers

• Fast Sample-Hold Amplifiers

• Long Duration Timers/Monostables

• High Input lmpedance Comparators (Ideal Interface with Digital CMOS)

• High lnput Impedance Wideband Amplifiers

• Voltage Followers (e.g., Follower for Single-Supply D/A Converter)

• Voltage Regulators (Permits Control of Output Voltage Down to 0V)

• Peak Detectors

• Single Supply Full Wave Precision Rectifiers

• Photo Diode Sensor Amplifiers

• 5V Logic Systems

• Microprocessor Interface



 




Similar Part No. - CA5130

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA513 MACOM-CA513 Datasheet
372Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
CA513 MA-COM-CA513 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
More results


Similar Description - CA5130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5260 INTERSIL-CA5260 Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA5260 INTERSIL-CA5260_05 Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com