Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHCT540AM Datasheet (PDF) - ON Semiconductor

MC74VHCT540AM Datasheet PDF - ON Semiconductor
Part # MC74VHCT540AM
Download  MC74VHCT540AM Download

File Size   172.98 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal Bus Buffer Inverting

MC74VHCT540AM Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHCT540AM Datasheet PDF - ON Semiconductor

Part # MC74VHCT540AM
Download  MC74VHCT540AM Click to download

File Size   172.98 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal Bus Buffer Inverting

MC74VHCT540AM Datasheet (HTML) - ON Semiconductor

MC74VHCT540AM Datasheet HTML 1Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 2Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 3Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 4Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 5Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 6Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 7Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 8Page - ON Semiconductor

MC74VHCT540AM Product details

The MC74VHCT540A is an advanced high speed CMOS inverting octal bus buffer fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.

Features
• High Speed: tPD = 3.7 ns (Typ) at VCC = 5.0 V
• Low Power Dissipation: ICC = 4.0 μA (Max) at TA = 25°C
• TTL−Compatible Inputs: VIL = 0.8 V; VIH = 2.0 V
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Designed for 2.0 V to 5.5 V Operating Range
• Low Noise: VOLP = 1.2 V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300 mA
• ESD Performance: HBM > 2000 V; Machine Model > 200 V
• Chip Complexity: 124 FETs or 31 Equivalent Gates
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - MC74VHCT540AM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT540AM ONSEMI-MC74VHCT540AM Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
More results


Similar Description - MC74VHCT540AM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX540 ONSEMI-MC74LVX540 Datasheet
104Kb / 8P
   Octal Bus Buffer Inverting
March, 2005 ??Rev. 3
MC74VHC540 ONSEMI-MC74VHC540 Datasheet
206Kb / 8P
   Octal Bus Buffer Inverting
March, 2006 -- Rev. 3
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP Datasheet
232Kb / 6P
   OCTAL BUS BUFFER INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
ON Semiconductor
MC74LVX240 ONSEMI-MC74LVX240 Datasheet
95Kb / 8P
   Octal Bus Buffer Inverting With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
Fairchild Semiconductor
DM74ALS640A FAIRCHILD-DM74ALS640A Datasheet
48Kb / 4P
   Inverting Octal Bus Transceiver
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com