Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
4000
(6)
4001
(1)
4002
(1)
4003
(2)
4004
(1)
4005
(1)
4008
(2)
400A
(24)
400B
(32)
400C
(465)
400D
(3)
400E
(10)
400H
(88)
400K
(10)
400L
(17)
400M
(150)
400P
(16)
400R
(3)
400S
(84)
400U
(14)
400V
(15)
400W
(26)
400Y
(2)
4003 - POWER DIVIDERS - THREE WAY, 1 TO 18 GHZ - Filtronic Compound Semiconductors
Click Here View
4003
Datasheet
Part No.
4003
Description
POWER DIVIDERS - THREE WAY, 1 TO 18 GHZ
Download
4003
Click here
to View
File Size
273.82 Kbytes / 2 Pages
Maker
FILTRONIC [Filtronic Compound Semiconductors]
Homepage
http://www.filcs.com
Related Electronics Part Number
Part Number
Components Description
Manufacturer
FMM5309ZU
Single
Pole
Three
Throw
GaAs
PHEMT
High
Power
Switch
0.5
-
2.5
GHz
Eudyna Devices Inc
2089
POWER
DIVIDERS
2
3
4
6
AND
8-
WAY
Tyco Electronics
4004
POWER
DIVIDERS
FOUR-WAY
1
TO
18
GHZ
Filtronic Compound Semiconductors
4005
POWER
DIVIDERS
FIVE-WAY
2
TO
8
GHZ
Filtronic Compound Semiconductors
4008
POWER
DIVIDERS
EIGHT-WAY
2
TO
18
GHZ
Filtronic Compound Semiconductors
DS53-0001
Low
Cost
Three
Way
Power
Splitter/Combiner
824
-
960
MHz
Tyco Electronics
2D-2000M-1
2
GHz
Band
Power
Dividers/Combiners
Hirose Electric
D418M
IN-PHASE
4-WAY
DIVIDERS/COMBINERS
POWER
SMA/TYPE
N
0.5-18
GHz
ETC
4002
POWER
DIVDERS
-
TWO
WAY
1TO
18
GHZ
Filtronic Compound Semiconductors
4A4305
Power
Dividers
ETC
Link URL :
Related keyword
4003 Datasheet
4003 Cross Reference
4003 Schematic
4003 Distributor
4003 Datenblatt
4003 RoHS
4003 Equivalent
4003 Application Notes
4003 Data Sheet
4003 components
4003 Fiche Technique
4003 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer