![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
4008 - POWER DIVIDERS EIGHT-WAY, 2 TO 18 GHZ - Filtronic Compound Semiconductors |
|
Click Here View 4008 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 4003 | POWER DIVIDERS - THREE WAY 1 TO 18 GHZ | Filtronic Compound Semiconductors |
| 4004 | POWER DIVIDERS FOUR-WAY 1 TO 18 GHZ | Filtronic Compound Semiconductors |
| 4005 | POWER DIVIDERS FIVE-WAY 2 TO 8 GHZ | Filtronic Compound Semiconductors |
| 2D-2000M-1 | 2 GHz Band Power Dividers/Combiners | Hirose Electric |
| D418M | IN-PHASE 4-WAY DIVIDERS/COMBINERS POWER SMA/TYPE N 0.5-18 GHz | ETC |
| 4A4305 | Power Dividers | ETC |
| MA1046-1 | For 1.9 GHz - Power Amplifier | Mitsubishi Electric Semiconductor |
| LD7261 | 20 GHz 250 W CW PPM FOCUSING HIGH POWER GAIN | NEC |
| CLY2 | GaAs FET Power amplifier for mobile phones For frequencies up to 3 GHz | Siemens Semiconductor Group |
| AA028P1-00 | 27-29 GHz GaAs MMIC Power Amplifier | Alpha Industries |
Link URL |
|
|
Related keyword |
| 4008 Datasheet | 4008 Cross Reference | 4008 Schematic | 4008 Distributor | 4008 Datenblatt | 4008 RoHS |
| 4008 Equivalent | 4008 Application Notes | 4008 Data Sheet | 4008 component | 4008 Fiche Technique | 4008 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |