Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5025 Datasheet (PDF) - SamHop Microelectronics Corp.

SM5025 Datasheet PDF - SamHop Microelectronics Corp.
Part # SM5025
Download  SM5025 Download

File Size   61.34 Kbytes
Page   1 Pages
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.
Description 64 KEYS ENCODER

SM5025 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5025 Datasheet PDF - SamHop Microelectronics Corp.

Part # SM5025
Download  SM5025 Click to download

File Size   61.34 Kbytes
Page   1 Pages
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.
Description 64 KEYS ENCODER

SM5025 Datasheet (HTML) - SamHop Microelectronics Corp.

SM5025 Datasheet HTML 1Page - SamHop Microelectronics Corp.

SM5025 Product details

GENERAL DESCRIPTION

The SM5025A/B is an infrared remote control encoder LSI utilizing CMOS technology. The transmission code consists of "leader pulse", "16 bit customer code", and "16 bit data code". Using Micro-processors for decoder, various applications can be realized.



FEATURE

* Low voltage operation ......VDD = 2.0 to 3.3V

* Low power consumtpion ..... IDD < 1 A at standby mode

* 64 function keys and 3 double action keys

* 128 + 6 function codes are available. (Using SEL terminal)

* 65536 customer codes can be selected. (Using external R, Diode-SM5025A or internal MASK ROM-SM5025IRB)

* 24pin SOP or DIP



APPLICATIONS

1. Audio Remote Control

2. Video Remote Control

3. Consumer Product Remote Control




Similar Part No. - SM5025

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM502-1 DATATRONICS-SM502-1 Datasheet
64Kb / 1P
   This part is OBSOLETE, the SM501-1 is a possible replacement
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
   ENCODER
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
logo
Advanced Analogic Techn...
SM5021A ANALOGICTECH-SM5021A Datasheet
38Kb / 8P
   ENCODER
More results


Similar Description - SM5025

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM5221 SAMHOP-SM5221 Datasheet
85Kb / 16P
   32 KEYS ENCODER
logo
ABCircuits
KBDP64 ABCIRCUITS-KBDP64 Datasheet
86Kb / 7P
   Parallel output keyboard encoder for up to 64 keys
February 2013
logo
Microchip Technology
HCS365 MICROCHIP-HCS365_11 Datasheet
730Kb / 40P
   KEELOQ짰 Code Hopping Encoder Crypt keys are read protected
2011
logo
ABCircuits
KBDSER132 ABCIRCUITS-KBDSER132 Datasheet
132Kb / 9P
   Serial output keyboard encoder for up to 132 keys
logo
ams AG
AS5035 AMSCO-AS5035_1 Datasheet
432Kb / 17P
   PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035 AMSCO-AS5035_08 Datasheet
870Kb / 18P
   PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035-T AMSCO-AS5035-T Datasheet
870Kb / 18P
   PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035 AMSCO-AS5035 Datasheet
58Kb / 1P
   8-bit (64 PPR) INCREMENTAL MAGNETIC ROTARY ENCODER
logo
List of Unclassifed Man...
4411 ETC2-4411 Datasheet
26Kb / 1P
   Hex Keys
logo
EDAC, All Rights Reserv...
307-240-338 EDAC-307-240-338 Datasheet
33Kb / 1P
   Polarizing Keys Series Edgeboard Connector Polarizing Keys
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com