Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
24252
(2)
24253
(2)
24254
(2)
24255
(2)
24254 - CAP, SOLID TANTALUM, 68 uF +-20%, 30V - Vicor Corporation
Click Here View
24254
Datasheet
Part No.
24254
Description
CAP, SOLID TANTALUM, 68 uF +-20%, 30V
Download
24254
Click here
to View
File Size
60.57 Kbytes / 1 Pages
Maker
VICOR [Vicor Corporation]
Homepage
http://www.vicorpower.com
Related Electronics Part Number
Part Number
Components Description
Manufacturer
24255
CAP
SOLID
TANTALUM
27
uF
+-20%
50V
Vicor Corporation
24252
CAP
SOLID
TANTALUM
270
uF+-
20%
10V
Vicor Corporation
24253
CAP
SOLID
TANTALUM
120
uF+-20%
20V
Vicor Corporation
CX16
Subminiature
Leaded
Solid
Tantalum
Capacitors
Vishay Siliconix
195D
Solid
Tantalum
Chip
Capacitors
TANTAMOUNT
Conformal
Coated
Vishay Siliconix
03093
CAP
RFI
AXIAL
0.022
uF
+-20%
250V
V2
Vicor Corporation
20641
CAP.
SOLID
TANTALUM
10uF
20%
25V
Vicor Corporation
591D
Solid
Tantalum
Chip
Capacitors
TANTAMOUNT
Low
Profile
Low
ESR
Conformal
Coated
Maximum
CV
Vishay Siliconix
572D
Solid
Tantalum
Chip
Capacitors
TANTAMOUNT
Low
Profile
Conformal
Coated
Maximum
CV
Vishay Siliconix
Link URL :
Related keyword
24254 Datasheet
24254 Cross Reference
24254 Schematic
24254 Distributor
24254 Datenblatt
24254 RoHS
24254 Equivalent
24254 Application Notes
24254 Data Sheet
24254 components
24254 Fiche Technique
24254 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer