Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
24252
(2)
24253
(2)
24254
(2)
24255
(2)
24255 - CAP, SOLID TANTALUM, 27 uF, +-20%, 50V - Vicor Corporation
Click Here View
24255
Datasheet
Part No.
24255
Description
CAP, SOLID TANTALUM, 27 uF, +-20%, 50V
Download
24255
Click here
to View
File Size
60.91 Kbytes / 1 Pages
Maker
VICOR [Vicor Corporation]
Homepage
http://www.vicorpower.com
Related Electronics Part Number
Part Number
Components Description
Manufacturer
24254
CAP
SOLID
TANTALUM
68
uF
+-20%
30V
Vicor Corporation
24252
CAP
SOLID
TANTALUM
270
uF+-
20%
10V
Vicor Corporation
24253
CAP
SOLID
TANTALUM
120
uF+-20%
20V
Vicor Corporation
591D
Solid
Tantalum
Chip
Capacitors
TANTAMOUNT
Low
Profile
Low
ESR
Conformal
Coated
Maximum
CV
Vishay Siliconix
572D
Solid
Tantalum
Chip
Capacitors
TANTAMOUNT
Low
Profile
Conformal
Coated
Maximum
CV
Vishay Siliconix
ECS-F0JE106K
Resin-dipped
type
tantalum
solid
electrolytic
capacitors
Panasonic Semiconductor
03093
CAP
RFI
AXIAL
0.022
uF
+-20%
250V
V2
Vicor Corporation
695D
Solid
Tantalum
Chip
Capacitors
TANTAMOUNT
Conformal
Coated
Vishay Siliconix
ETPW
Resin-Coated
Radial-Leaded
Solid
Tantalum
Capacitors
Vishay Siliconix
293D
Solid
Tantalum
Chip
Capacitors
TANTAMOUNT
Commercial
Surface
Mount
Vishay Siliconix
Link URL :
Related keyword
24255 Datasheet
24255 Cross Reference
24255 Schematic
24255 Distributor
24255 Datenblatt
24255 RoHS
24255 Equivalent
24255 Application Notes
24255 Data Sheet
24255 components
24255 Fiche Technique
24255 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer