Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL191UYG Datasheet (PDF) - COSMO Electronics Corporation

KL191UYG Datasheet PDF - COSMO  Electronics Corporation
Part # KL191UYG
Download  KL191UYG Download

File Size   201.17 Kbytes
Page   8 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description 1.6x0.8x0.6mm(0603) standard package

KL191UYG Datasheet (PDF)

Go To PDF Page Download Datasheet
KL191UYG Datasheet PDF - COSMO  Electronics Corporation

Part # KL191UYG
Download  KL191UYG Click to download

File Size   201.17 Kbytes
Page   8 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description 1.6x0.8x0.6mm(0603) standard package

KL191UYG Datasheet (HTML) - COSMO Electronics Corporation

KL191UYG Datasheet HTML 1Page - COSMO  Electronics Corporation KL191UYG Datasheet HTML 2Page - COSMO  Electronics Corporation KL191UYG Datasheet HTML 3Page - COSMO  Electronics Corporation KL191UYG Datasheet HTML 4Page - COSMO  Electronics Corporation KL191UYG Datasheet HTML 5Page - COSMO  Electronics Corporation KL191UYG Datasheet HTML 6Page - COSMO  Electronics Corporation KL191UYG Datasheet HTML 7Page - COSMO  Electronics Corporation KL191UYG Datasheet HTML 8Page - COSMO  Electronics Corporation

KL191UYG Product details

Features
    Package: 1.6x0.8x0.6mm(0603) standard package
    Feature of the device: extremely wide viewing angle ; ideal for backlighting and coupling in light guides
    Wavelength: 570nm(Yellow Green)
    Viewing angle: Extremely Wide( 120∘ )
    Grouping parameter: luminous intensity
    Assembly methods: suitable for all SMT assembly methods
    Soldering methods: IR reflow soldering
    Taping: Package in 8mm tape on 7” diameter reel

Applications
    Automotive : Dashboards , stop lamps , turn signals
    Backlighting : LCDs , Key pads , advertising
    Status indicators : Comsumer , Key pads , advertising




Similar Part No. - KL191UYG

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KL195W01 COSMO-KL195W01 Datasheet
222Kb / 9P
   Etremely Wde viewing angle; ideal for backlighting and Coupling light guides
KL195W02 COSMO-KL195W02 Datasheet
224Kb / 9P
   SMD LED
KL195W03 COSMO-KL195W03 Datasheet
224Kb / 9P
   SMD LED
KL195W04 COSMO-KL195W04 Datasheet
225Kb / 9P
   SMD LED
KL195W05 COSMO-KL195W05 Datasheet
225Kb / 9P
   SMD LED
More results


Similar Description - KL191UYG

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HA136D-TRB BRIGHT-BL-HA136D-TRB Datasheet
238Kb / 8P
   Amber Mono-color type 1.6x0.8x0.8mm(0603)standard package.
logo
OSRAM GmbH
LYQ396-P1Q2-36 OSRAM-LYQ396-P1Q2-36 Datasheet
1Mb / 20P
   SMT package 0603
LWQ38E-Q1OO-3K6L-1 OSRAM-LWQ38E-Q1OO-3K6L-1 Datasheet
557Kb / 22P
   SMT package 0603
LWQ38G-Q1OO-3K6L-1 OSRAM-LWQ38G-Q1OO-3K6L-1 Datasheet
562Kb / 22P
   SMT package 0603
logo
Everlight Electronics C...
IR19-315C-TR8 EVERLIGHT-IR19-315C-TR8_15 Datasheet
320Kb / 9P
   0603 Package Infrared LED
logo
P-tec Corporation
PL00131-WCB11 P-TEC-PL00131-WCB11_14 Datasheet
32Kb / 1P
   SMD LED 0603 Package
PL00230-WCA02 P-TEC-PL00230-WCA02 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00230-WCG23 P-TEC-PL00230-WCG23 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00230-WCR21 P-TEC-PL00230-WCR21 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00232-WCB08 P-TEC-PL00232-WCB08 Datasheet
31Kb / 1P
   SMD LED 0603 Package
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com