Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29LV160J Datasheet (PDF) - List of Unclassifed Manufacturers

EN29LV160J Datasheet PDF - List of Unclassifed Manufacturers
Part # EN29LV160J
Download  EN29LV160J Download

File Size   264.83 Kbytes
Page   44 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only

EN29LV160J Datasheet (PDF)

Go To PDF Page Download Datasheet
EN29LV160J Datasheet PDF - List of Unclassifed Manufacturers

Part # EN29LV160J
Download  EN29LV160J Click to download

File Size   264.83 Kbytes
Page   44 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only

EN29LV160J Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button EN29LV160J Datasheet HTML 1Page - List of Unclassifed Manufacturers EN29LV160J Datasheet HTML 2Page - List of Unclassifed Manufacturers EN29LV160J Datasheet HTML 3Page - List of Unclassifed Manufacturers EN29LV160J Datasheet HTML 4Page - List of Unclassifed Manufacturers EN29LV160J Datasheet HTML 5Page - List of Unclassifed Manufacturers EN29LV160J Datasheet HTML 6Page - List of Unclassifed Manufacturers EN29LV160J Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29LV160J Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29LV160J Datasheet HTML 9Page - List of Unclassifed Manufacturers EN29LV160J Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

EN29LV160J Product details

[EON]



GENERAL DESCRIPTION

The EN29LV160J is a 16-Megabit, electrically erasable, read/write non-volatile flash memory, organized as 2,097,152 bytes or 1,048,576 words. Any byte can be programmed typically in 10µs. The EN29LV160J features 3.0V voltage read and write operation, with access times as fast as 55ns to eliminate the need for WAIT states in high-performance microprocessor systems.



FEATURES

• 3.0V, single power supply operation

   - Minimizes system level power requirements

• Manufactured on 0.28 µm process technology

• High performance

   - Access times as fast as 70 ns

• Low power consumption (typical values at 5 MHz)

   - 7 mA typical active read current

   - 15 mA typical program/erase current

   - 1 µA typical standby current (standard access time to active mode)

• Flexible Sector Architecture:

   - One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and thirty-one 64 Kbyte sectors (byte mode)

   - One 8 Kword, two 4 Kword, one 16 Kword and thirty-one 32 Kword sectors (word mode)

   - Supports full chip erase

   - Individual sector erase supported

   - Sector protection:

      Hardware locking of sectors to prevent program or erase operations within individual sectors

      Additionally, temporary Sector Group Unprotect allows code changes in previously locked sectors.

• High performance program/erase speed

   - Byte program time: 8µs typical

   - Sector erase time: 200ms typical

   - Chip erase time: 3.5s typical

• JEDEC Standard program and erase commands

• JEDEC standard DATA polling and toggle bits feature

• Single Sector and Chip Erase

• Sector Unprotect Mode

• Embedded Erase and Program Algorithms

• Erase Suspend / Resume modes: Read and program another Sector during Erase Suspend Mode

• 0.28 µm double-metal double-poly triple-well CMOS Flash Technology

• Low Vcc write inhibit < 2.5V

• >100K program/erase endurance cycle

• 48-pin TSOP (Type 1)

• Commercial Temperature Range



 




Similar Part No. - EN29LV160J

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160A EON-EN29LV160A Datasheet
930Kb / 43P
   16 MEGABIT (2048K X 8- BIT / 1024 K X 16-BIT) FLASH MEMORY
EN29LV160AB-70BC EON-EN29LV160AB-70BC Datasheet
930Kb / 43P
   16 MEGABIT (2048K X 8- BIT / 1024 K X 16-BIT) FLASH MEMORY
EN29LV160AB-70BCP EON-EN29LV160AB-70BCP Datasheet
930Kb / 43P
   16 MEGABIT (2048K X 8- BIT / 1024 K X 16-BIT) FLASH MEMORY
EN29LV160AB-70BI EON-EN29LV160AB-70BI Datasheet
930Kb / 43P
   16 MEGABIT (2048K X 8- BIT / 1024 K X 16-BIT) FLASH MEMORY
More results


Similar Description - EN29LV160J

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800A EON-EN29LV800A Datasheet
590Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320B EON-EN29LV320B_11 Datasheet
405Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV320C EON-EN29LV320C Datasheet
459Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com