Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5819 Datasheet (PDF) - Semikron International

SM5819 Datasheet PDF - Semikron International
Part # SM5819
Download  SM5819 Download

File Size   134.04 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Schottky barrier rectifiers diodes

SM5819 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5819 Datasheet PDF - Semikron International

Part # SM5819
Download  SM5819 Click to download

File Size   134.04 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Schottky barrier rectifiers diodes

SM5819 Datasheet (HTML) - Semikron International

SM5819 Datasheet HTML 1Page - Semikron International SM5819 Datasheet HTML 2Page - Semikron International

SM5819 Product details

Forward Current: 1 A
Reverse Voltage: 20 to 40 V

Features
● Max. solder temperature: 260°C
● Plastic material has UL classification 94V-0




Similar Part No. - SM5819

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM5819 RECTRON-SM5819 Datasheet
191Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
logo
SAMYANG ELECTRONICS CO....
SM5819 SAMYANG-SM5819 Datasheet
802Kb / 2P
   SCHOTTKY BARRIE R RECTIFIER
logo
MIC GROUP RECTIFIERS
SM5819 MIC-SM5819 Datasheet
59Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shunye Enterprise
SM5819 SHUNYE-SM5819 Datasheet
94Kb / 2P
   Silicon epitaxial planer type
logo
Bytes
SM5819 BYTES-SM5819 Datasheet
147Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SM5819

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB320 SEMIKRON-SB320_07 Datasheet
137Kb / 2P
   Schottky barrier rectifiers diodes
SB1220TL SEMIKRON-SB1220TL Datasheet
381Kb / 2P
   Schottky barrier rectifiers diodes
SB2020TL SEMIKRON-SB2020TL Datasheet
366Kb / 2P
   Schottky barrier rectifiers diodes
SB3020 SEMIKRON-SB3020 Datasheet
523Kb / 2P
   Schottky barrier rectifiers diodes
SB320 SEMIKRON-SB320 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
SB220 SEMIKRON-SB220_07 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
SK32 SEMIKRON-SK32_07 Datasheet
149Kb / 2P
   Schottky barrier rectifiers diodes
SB1820 SEMIKRON-SB1820 Datasheet
365Kb / 2P
   Schottky barrier rectifiers diodes
SGL1-20 SEMIKRON-SGL1-20 Datasheet
138Kb / 2P
   Schottky barrier rectifiers diodes
SK12 SEMIKRON-SK12 Datasheet
141Kb / 2P
   Schottky barrier rectifiers diodes
SK32 SEMIKRON-SK32 Datasheet
145Kb / 2P
   Schottky barrier rectifiers diodes
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com