Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT2051 Datasheet (PDF) - List of Unclassifed Manufacturers

MDT2051 Datasheet PDF - List of Unclassifed Manufacturers
Part # MDT2051
Download  MDT2051 Download

File Size   76.68 Kbytes
Page   14 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 8-bit micro-controller uses a fully static CMOS design technology

MDT2051 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDT2051 Datasheet PDF - List of Unclassifed Manufacturers

Part # MDT2051
Download  MDT2051 Click to download

File Size   76.68 Kbytes
Page   14 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 8-bit micro-controller uses a fully static CMOS design technology

MDT2051 Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button MDT2051 Datasheet HTML 1Page - List of Unclassifed Manufacturers MDT2051 Datasheet HTML 2Page - List of Unclassifed Manufacturers MDT2051 Datasheet HTML 3Page - List of Unclassifed Manufacturers MDT2051 Datasheet HTML 4Page - List of Unclassifed Manufacturers MDT2051 Datasheet HTML 5Page - List of Unclassifed Manufacturers MDT2051 Datasheet HTML 6Page - List of Unclassifed Manufacturers MDT2051 Datasheet HTML 7Page - List of Unclassifed Manufacturers MDT2051 Datasheet HTML 8Page - List of Unclassifed Manufacturers MDT2051 Datasheet HTML 9Page - List of Unclassifed Manufacturers MDT2051 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

MDT2051 Product details

General Description
This EPROM-Based 8-bit micro-controller uses a fully static CMOS technology process to achieve higher speed and smaller size with the low power consump-tion and high noise immunity. On chip memory incl-udes 1K words of ROM, and 68 bytes of static RAM.

Features
The followings are some of the features on the hardware and software :
◆ Fully CMOS static design
◆ 8-bit data bus
◆ On chip EPROM size : 1.0 K words
◆ Internal RAM size : 84 bytes
   (68 general purpose registers, 16 special registers)
◆ 37 single word instructions
◆ 14-bit instructions
◆ 8-level stacks
◆ Operating voltage : 2.5 V ~ 5.5 V (PRD Disable)
   4.5 V ~ 5.5 V (PRD Enable)
◆ Operating frequency : DC ~ 20 MHz
◆ The most fast execution time is 200 ns under 20 MHz in all single cycle instructions except the branch instruction
◆ Addressing modes include direct, indirect and relative addressing modes
◆ Power-on Reset
◆ Power edge-detector Reset
◆ Power range-detector Reset
◆ Sleep Mode for power saving
◆ Four interrupt sources:
   -External INT pin
   -TMR0 timer
   -A/D conversion completion
   -PortB<7:4> interrupt on change
◆ A/D converter module:
   -Four analog inputs multiplexed into one A/D converter
   -8-bit resolution
◆ 4 types of oscillator can be selected by programming option:
   RC- Low cost RC oscillator
   LFXT- Low frequency crystal oscillator
   XTAL- Standard crystal oscillator
   HFXT- High frequency crystal oscillator
◆ 8-bit real time clock/counter(RTCC) with 8-bit programmable prescaler
◆ On-chip RC oscillator based Watchdog Timer(WDT)
◆ 13 I/O pins with their own independent direction control

Applications
   The application areas of this MDT2051 range from appliance motor control and high speed automotive to low power remote transmitters/receivers, pointing devices, and telecommunications processors, such as Remote controller, small instruments, chargers, toy, automobile and PC peripheral … etc.




Similar Part No. - MDT2051

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT2051 MDTIC-MDT2051 Datasheet
75Kb / 13P
   8-bit micro-controller
More results


Similar Description - MDT2051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT2005 ETC1-MDT2005 Datasheet
73Kb / 15P
   8-bit micro-controller uses a fully static CMOS design technology
MDT2010 ETC1-MDT2010 Datasheet
76Kb / 17P
   8-bit micro-controller uses a fully static CMOS design technology
MDT2030 ETC1-MDT2030 Datasheet
78Kb / 14P
   8-bit micro-controller uses a fully static CMOS design technology
MDT2060 ETC1-MDT2060 Datasheet
75Kb / 12P
   8-bit micro-controller uses a fully static CMOS design technology
MDT10P73 ETC1-MDT10P73 Datasheet
94Kb / 21P
   This EPROM-Based 8-bit micro-controller uses a fully static CMOS technology process to achieve higher speed and smaller size with the low power consum
MDT10C23 ETC1-MDT10C23 Datasheet
190Kb / 19P
   Fully CMOS static design, 8-bit data bus,On chip ROM size : 2 K words
JA58560 ETC-JA58560 Datasheet
225Kb / 16P
   Mask-ROM 8-Bit CMOS Micro-controller
logo
Freescale Semiconductor...
MC68HC05SU3A FREESCALE-MC68HC05SU3A Datasheet
1Mb / 80P
   Fully static chip design featuring the industry standard 8-bit M68HC05 core
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com