Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
1N5541-
(1)
1N5541A
(5)
1N5541B
(9)
1N5541C
(6)
1N5541D
(6)
1N5541U
(3)
1N5541B - LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW - Microsemi Corporation
Click Here View
1N5541B
Datasheet
Part No.
1N5541B
Description
LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
Download
1N5541B
Click here
to View
File Size
113.21 Kbytes / 2 Pages
Maker
MICROSEMI [Microsemi Corporation]
Homepage
http://www.microsemi.com
Related Electronics Part Number
Part Number
Components Description
Manufacturer
1N5221B-LCC3
ZENER
VOLTAGE
REGULATOR
DIODE
IN
HERMETIC
CERAMIC
SURFACE
MOUNT
PACKAGE
FOR
HIGH
RELIABILITY
APPLICATIONS
Seme LAB
1N5711CSM
SCHOTTKY
DIODE
IN
HERMETIC
CERAMIC
SURFACE
MOUNT
PACKAGE
FOR
HIGH
RELIABILITY
APPLICATIONS
Seme LAB
BAT54CSM
SCHOTTKY
DIODE
IN
HERMETIC
CERAMIC
SURFACE
MOUNT
PACKAGE
FOR
HIGH
RELIABILITY
APPLICATIONS
Seme LAB
CMHZ5221B
SURFACE
MOUNT
ZENER
DIODE
2.4
VOLTS
THRU
200
VOLTS
500mW
5%
TOLERANCE
Central Semiconductor Corp
BZX55C
VOLTAGE
REGULATOR
DIODE
IN
A
CERAMIC
SURFACE
MOUNT
PACKAGE
FOR
HI.REL
APPLICATIONS
Seme LAB
CDLL3821
LEADLESS
PACKAGE
FOR
SURFACE
MOUNT
Compensated Deuices Incorporated
SB16-100M-SMD
DUAL
SCHOTTKY
BARRIER
DIODE
IN
A
SMD1
CERAMIC
SURFACE
MOUNT
PACKAGE
FOR
HI.REL
APPLICATIONS
Seme LAB
CDLL4099
LEADLESS
PACKAGE
FOR
SURFACE
MOUNT
Compensated Deuices Incorporated
MLL746A
LEADLESS
GLASS
ZENER
DIODE
SURFACE
MOUNT
Microsemi Corporation
MMSZ5221B
500mW
SURFACE
MOUNT
ZENER
DIODE
Diodes Incorporated
Link URL :
Related keyword
1N5541B Datasheet
1N5541B Cross Reference
1N5541B Schematic
1N5541B Distributor
1N5541B Datenblatt
1N5541B RoHS
1N5541B Equivalent
1N5541B Application Notes
1N5541B Data Sheet
1N5541B components
1N5541B Fiche Technique
1N5541B Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer