Datasheet Search System

Mirror site :  alldatasheet.com,   alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name    
    Description 
Shortcut : 2SD2240(3)  2SD2241(1)  2SD2242(2)  2SD2247(1)  2SD2248(1)  2SD2249(1)  

2SD2240 - Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification) - Panasonic Semiconductor

Click Here View 2SD2240 Datasheet

Part No.

2SD2240

Description

Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)

Download

2SD2240 Click here to View

File Size

36.48 Kbytes / 2 Pages

Maker

PANASONIC [Panasonic Semiconductor]

Homepage

http://www.panasonic.co.jp/semicon/e-index.html


Related Electronics Part Number
Part NumberComponents DescriptionManufacturer
2SA921Silicon PNP epitaxial planer type For high breakdown voltage low-noise amplification Panasonic Semiconductor
2SB1220Silicon PNP epitaxial planer type For high breakdown voltage low-noise amplification Panasonic Semiconductor
2SB788Silicon PNP epitaxial planer type For high breakdown voltage low-noise amplification Panasonic Semiconductor
2SB792Silicon PNP epitaxial planer type For high breakdown voltage low-noise amplification Panasonic Semiconductor
2SD958Silicon NPN epitaxial planer type For high breakdown voltage and low-noise amplification Panasonic Semiconductor
2SD1821Silicon NPN epitaxial planer type For high breakdown voltage low-frequency and low-noise amplification Panasonic Semiconductor
2SD814Silicon NPN epitaxial planer type For high breakdown voltage low-frequency and low-noise amplification Panasonic Semiconductor
2SC2631Silicon NPN epitaxial planer type For low-frequency high breakdown voltage amplification Panasonic Semiconductor
2SC2632Silicon NPN epitaxial planer type For low-frequency high breakdown voltage amplification Panasonic Semiconductor
2SC5346Silicon NPN epitaxial planer type For low-frequency high breakdown voltage amplification Panasonic Semiconductor

Link URL :
Related keyword
  2SD2240 Datasheet   2SD2240 Cross Reference   2SD2240 Schematic   2SD2240 Distributor   2SD2240 Datenblatt   2SD2240 RoHS
  2SD2240 Equivalent   2SD2240 Application Notes   2SD2240 Data Sheet   2SD2240 components   2SD2240 Fiche Technique   2SD2240 Circuit


All Rights Reserved© Alldatasheet.net 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer