Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5456 Datasheet (PDF) - Maxim Integrated Products

MAX5456 Datasheet PDF - Maxim Integrated Products
Part # MAX5456
Download  MAX5456 Download

File Size   462.79 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Stereo Audio Taper Potentiometers with Pushbutton Interface

MAX5456 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5456 Datasheet PDF - Maxim Integrated Products

Part # MAX5456
Download  MAX5456 Click to download

File Size   462.79 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Stereo Audio Taper Potentiometers with Pushbutton Interface

MAX5456 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX5456 Datasheet HTML 1Page - Maxim Integrated Products MAX5456 Datasheet HTML 2Page - Maxim Integrated Products MAX5456 Datasheet HTML 3Page - Maxim Integrated Products MAX5456 Datasheet HTML 4Page - Maxim Integrated Products MAX5456 Datasheet HTML 5Page - Maxim Integrated Products MAX5456 Datasheet HTML 6Page - Maxim Integrated Products MAX5456 Datasheet HTML 7Page - Maxim Integrated Products MAX5456 Datasheet HTML 8Page - Maxim Integrated Products MAX5456 Datasheet HTML 9Page - Maxim Integrated Products MAX5456 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX5456 Product details

General Description
The MAX5456/MAX5457 dual, logarithmic taper digital potentiometers feature a simple pushbutton interface that controls volume and balance in audio applications. Each potentiometer has 32 tap points and replaces mechanical potentiometers. Refer to the MAX5408– MAX5411 data sheet for SPI™ versions of the MAX5456/ MAX5457.

Features
♦ SmartWiper Control Provides Accelerated Wiper Motion
♦ Debounced Pushbutton Interface with Internal Pullup Resistors
♦ Logarithmic Taper with 2dB Steps Between Taps
♦ Single +2.7V to +5.5V or Dual ±2.7V Supply Operation
♦ Low 0.5µA Standby Supply Current
♦ Clickless Switching
♦ 10kΩ End-to-End Fixed Resistance Value
♦ Mute Function to -90dB (typ)
♦ Power-On Reset to -12dB Wiper Position
♦ 32 Tap Positions for Each Wiper
♦ Small 16-Pin QSOP/TQFN Packages

Applications
    Stereo Volume Control
    Fading and Balancing Stereo Signals
    Stereo Blending and Mixing




Similar Part No. - MAX5456

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX545 MAXIM-MAX545 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5450 MAXIM-MAX5450 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5450-MAX5455 MAXIM-MAX5450-MAX5455 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5450EUB MAXIM-MAX5450EUB Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5451 MAXIM-MAX5451 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
More results


Similar Description - MAX5456

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1802 DALLAS-DS1802 Datasheet
291Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
logo
Maxim Integrated Produc...
DS1802 MAXIM-DS1802 Datasheet
819Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
051401
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5406 MAXIM-MAX5406 Datasheet
501Kb / 26P
   Audio Processor with Pushbutton Interface
Rev 0; 5/06
MAX5486 MAXIM-MAX5486 Datasheet
221Kb / 16P
   Stereo Volume Control with Pushbutton Interface
Rev 0; 11/06
MAX5406 MAXIM-MAX5406_V01 Datasheet
2Mb / 25P
   Audio Processor with Pushbutton Interface
19-3817; Rev 1; 4/14
MAX5486 MAXIM-MAX5486_V01 Datasheet
1Mb / 16P
   Stereo Volume Control with Pushbutton Interface
19-0672; Rev 1; 4/14
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
logo
NXP Semiconductors
UDA1355H PHILIPS-UDA1355H Datasheet
315Kb / 76P
   Stereo audio codec with SPDIF interface
2003 Apr 10
logo
Maxim Integrated Produc...
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com