Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
FX5545G0183V2T1
(2)
FX5545G0183V2T2
(2)
FX5545G0183V2T2 - Low Profile 3mm DC/DC Buck Converter 0.8V to 4.5V, 3A with 380W/in3 Power Density Efficiency up to 95% - Vishay Siliconix
Click Here View
FX5545G0183V2T2
Datasheet
Part No.
FX5545G0183V2T2
Description
Low Profile 3mm DC/DC Buck Converter 0.8V to 4.5V, 3A with 380W/in3 Power Density Efficiency up to 95%
Download
FX5545G0183V2T2
Click here
to View
File Size
662.68 Kbytes / 5 Pages
Maker
VISAY [Vishay Siliconix]
Homepage
http://www.vishay.com
Related Electronics Part Number
Part Number
Components Description
Manufacturer
FX5545G108
The
Smallest
and
Low
Profile
0.9V
to
4.5V
4A
with
570W/in^3
Power
Density
Efficiency
up
to
95%
DC/DC
Buck
Converter
Vishay Siliconix
FX5545G201
Industry
Smallest
and
Low
Profile
3W
1000mA
DC/DC
Buck
Converter
with
High
Output
Power
Density
Vishay Siliconix
FX5545G005
Industry
Smallest
and
Low
Profile
5W
1.5A
DC/DC
Buck
Converter
with
High
Output
Power
Density
Vishay Siliconix
FX5545G305
Industry
Smallest
and
Low
Profile
10W
3.0A
DC/DC
Buck
Converter
with
High
Output
Power
Density
Vishay Siliconix
FX5545G105
Industry
Smallest
and
Low
Profile
6.5W
2.0A
DC/DC
Buck
Converter
with
High
Output
Power
Density
Vishay Siliconix
FX5959G701
Power
LED
Driver
the
Smallest
and
Low
Profile
Constant
Current
Source
0
-
2.0A
2.5V
to
7V
with
450W/in3
Power
Density
and
High
Efficiency
Vishay Siliconix
FX5545G206
Industry
Smallest
and
Low
Profile
15W
2.5A
DC/DC
Boost
Converter
with
High
Output
Power
Density
Vishay Siliconix
FX5545G106
Industry
Smallest
and
Low
Profile
12W
2A
DC/DC
Boost
Converter
with
High
Output
Power
Density
Vishay Siliconix
FX5545G402
Industry
Smallest
and
Low
Profile
5W
1A
DC/DC
Boost
Converter
with
High
Output
Density
Power
Vishay Siliconix
FX5545G006
Industry
Smallest
and
Low
Profile
9W
1.5A
DC/DC
Boost
Converter
with
High
Output
Power
Density
Vishay Siliconix
Link URL :
Related keyword
FX5545G0183V2T2 Datasheet
FX5545G0183V2T2 Cross Reference
FX5545G0183V2T2 Schematic
FX5545G0183V2T2 Distributor
FX5545G0183V2T2 Datenblatt
FX5545G0183V2T2 RoHS
FX5545G0183V2T2 Equivalent
FX5545G0183V2T2 Application Notes
FX5545G0183V2T2 Data Sheet
FX5545G0183V2T2 components
FX5545G0183V2T2 Fiche Technique
FX5545G0183V2T2 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer