Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD25016 Datasheet (PDF) - Nihon Inter Electronics Corporation

PD25016 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PD25016
Download  PD25016 Download

File Size   204.58 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE 250A/1200,1600V

PD25016 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD25016 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PD25016
Download  PD25016 Click to download

File Size   204.58 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE 250A/1200,1600V

PD25016 Datasheet (HTML) - Nihon Inter Electronics Corporation

PD25016 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD25016 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD25016 Datasheet HTML 3Page - Nihon Inter Electronics Corporation

PD25016 Product details

DIODE

250A Avg 1200~1600 Volt




Similar Part No. - PD25016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD25016 NIEC-PD25016 Datasheet
152Kb / 2P
   250A Avg 1200 1600 Volts
logo
National Instruments Co...
PD25016 NI-PD25016_15 Datasheet
706Kb / 2P
   DIODE
More results


Similar Description - PD25016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PH2503 NIEC-PH2503 Datasheet
187Kb / 3P
   DIODE MODULE 250A/300 to 800V
PC2503 NIEC-PC2503 Datasheet
203Kb / 3P
   DIODE MODULE 250A/300 to 800V
PHT2508 NIEC-PHT2508 Datasheet
282Kb / 5P
   THYRISTOR MODULE 250A / 800V
logo
Micross Components
MIMMD250F120X MICROSS-MIMMD250F120X Datasheet
1Mb / 2P
   1200V 250A Rectifier Module RoHS Compliant
MIMMD250F160X MICROSS-MIMMD250F160X Datasheet
1Mb / 2P
   1600V 250A Rectifier Module RoHS Compliant
logo
MacMic
MMD250F160X MACMIC-MMD250F160X Datasheet
183Kb / 3P
   250A Three-Phase Rectifier Bridge Module
MMD250FB180X MACMIC-MMD250FB180X Datasheet
202Kb / 3P
   250A Three-Phase Rectifier Bridge Module
logo
Micross Components
MIMMD250F180X MICROSS-MIMMD250F180X Datasheet
1Mb / 2P
   1800V 250A Rectifier Module RoHS Compliant
MIMMD250F140X MICROSS-MIMMD250F140X Datasheet
1Mb / 2P
   1400V 250A Rectifier Module RoHS Compliant
logo
MacMic
MMD250FB MACMIC-MMD250FB Datasheet
311Kb / 3P
   250A Three-Phase Rectifier Bridge Module
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com