Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD7M440H Datasheet (PDF) - Nihon Inter Electronics Corporation

PD7M440H Datasheet PDF - Nihon Inter Electronics Corporation
Part # PD7M440H
Download  PD7M440H Download

File Size   66.78 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description MOSFET MODULE Dual 50A 450V/500V

PD7M440H Datasheet (PDF)

Go To PDF Page Download Datasheet
PD7M440H Datasheet PDF - Nihon Inter Electronics Corporation

Part # PD7M440H
Download  PD7M440H Click to download

File Size   66.78 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description MOSFET MODULE Dual 50A 450V/500V

PD7M440H Datasheet (HTML) - Nihon Inter Electronics Corporation

PD7M440H Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD7M440H Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD7M440H Datasheet HTML 3Page - Nihon Inter Electronics Corporation



Similar Part No. - PD7M440H

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD7M440H NIEC-PD7M440H Datasheet
66Kb / 3P
   MOSFET MODULE
PD7M440H NIEC-PD7M440H Datasheet
114Kb / 3P
   50A 450~500V
logo
Kyocera Kinseki Corpota...
PD7M440H KSS-PD7M440H Datasheet
477Kb / 3P
   MOSFET
logo
Nihon Inter Electronics...
PD7M440H NIEC-PD7M440H_1 Datasheet
114Kb / 3P
   50A 450~500V
logo
National Instruments Co...
PD7M440H NI-PD7M440H_15 Datasheet
114Kb / 3P
   50A 450節?00V
More results


Similar Description - PD7M440H

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD7M440L NIEC-PD7M440L Datasheet
128Kb / 4P
   MOSFET MODULE Dual 50A 450V/550V
PD10M440H NIEC-PD10M440H Datasheet
67Kb / 3P
   MOSFET MODULE DUAL 85A 450V/500V
PD4M440L NIEC-PD4M440L Datasheet
130Kb / 4P
   MOSFET MODULE Dual 30A 450V/500V
PD10M440L NIEC-PD10M440L Datasheet
130Kb / 4P
   MOSFET MODULE Dual 70A 450V/500V
PDM505HA NIEC-PDM505HA Datasheet
67Kb / 3P
   MOSFET MODULE Dual 50A/500V
PDM505HC NIEC-PDM505HC Datasheet
113Kb / 3P
   MOSFET MODULE Dual 50A/500V
PDM505HA NIEC-PDM505HA_1 Datasheet
117Kb / 3P
   50A 500V
PDM505HC NIEC-PDM505HC_1 Datasheet
104Kb / 3P
   50A 500V
PDM1405HA NIEC-PDM1405HA Datasheet
70Kb / 3P
   MOSFET MODULE Dual 140A/500V
PC50F5 NIEC-PC50F5 Datasheet
29Kb / 2P
   FRD MODULE 50A/500V/trr:90nsec
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com