Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD20116 Datasheet (PDF) - Nihon Inter Electronics Corporation

PD20116 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PD20116
Download  PD20116 Download

File Size   176.82 Kbytes
Page   6 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE - 200A/1600V

PD20116 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD20116 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PD20116
Download  PD20116 Click to download

File Size   176.82 Kbytes
Page   6 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE - 200A/1600V

PD20116 Datasheet (HTML) - Nihon Inter Electronics Corporation

PD20116 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD20116 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD20116 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PD20116 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PD20116 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PD20116 Datasheet HTML 6Page - Nihon Inter Electronics Corporation



Similar Part No. - PD20116

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD20116 NIEC-PD20116 Datasheet
26Kb / 1P
   200A Avg 1600 Volts
logo
Kyocera Kinseki Corpota...
PD20116 KSS-PD20116 Datasheet
803Kb / 5P
   Diode
logo
Nihon Inter Electronics...
PD20116 NIEC-PD20116_1 Datasheet
26Kb / 1P
   200A Avg 1600 Volts
logo
National Instruments Co...
PD20116 NI-PD20116_15 Datasheet
26Kb / 1P
   DIODE
More results


Similar Description - PD20116

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT200S12 NIEC-PT200S12 Datasheet
133Kb / 3P
   DIODE MODULE 200A/1200V/1600V
logo
MacMic
MMK200T160UX6J MACMIC-MMK200T160UX6J Datasheet
264Kb / 4P
   1600V 200A Thyristor/Diode Module
logo
Nihon Inter Electronics...
PC20012 NIEC-PC20012 Datasheet
204Kb / 3P
   DIODE MODULE 200A/1200 to 1600V
PGH20016AM NIEC-PGH20016AM Datasheet
240Kb / 4P
   THYRISTOR MODULE 200A / 1600V
PDT20116 NIEC-PDT20116 Datasheet
329Kb / 9P
   THYRISTOR MODULE 200A / 1600V
logo
Micross Components
MIMMD200S160B MICROSS-MIMMD200S160B Datasheet
1Mb / 2P
   1600V 200A Rectifier Diode Module RoHS Compliant
logo
MacMic
MMK200T160UX MACMIC-MMK200T160UX Datasheet
742Kb / 5P
   1600V 200A Three Phase DiodeThyristor Module
logo
Nihon Inter Electronics...
PDT20012 NIEC-PDT20012 Datasheet
258Kb / 5P
   THYRISTOR MODULE 200A / 1200to 1600V
PCH20012 NIEC-PCH20012 Datasheet
251Kb / 5P
   THYRISTOR MODULE 200A/1200 to 1600V
logo
Micross Components
MIMMD200F160X MICROSS-MIMMD200F160X Datasheet
1Mb / 2P
   1600V 200A Rectifier Module RoHS Compliant
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com