Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62368GP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M62368GP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M62368GP
Download  M62368GP Download

File Size   45.82 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS

M62368GP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62368GP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M62368GP
Download  M62368GP Click to download

File Size   45.82 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS

M62368GP Datasheet (HTML) - Mitsubishi Electric Semiconductor

M62368GP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62368GP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62368GP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62368GP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62368GP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor

M62368GP Product details

DESCRIPTION
The M62368GP is a CMOS semiconductor IC, containing 6 channels of 8-bit D-A converters. It is operable with a low supply voltage between 2.7~3.6V,and is easy to use due to serial data input,and 3-pin(DI,CLK,LD)connection with microcomputer. The IC also contains Do pin terminal,enabling cascade connection,and therefore is suitable for automatic control in combination with a microcomputer.

FEATURES
• Operable with a low voltage between 2.7~3.6V
• 12-bit serial data input(connected via 3 pins:DI,CLK,LD)
• 6 channels of R-2R and segment type high-performance 8-bit D-A converters
• 6 buffer operational amplifiers with full swing of output voltage between Vcc and GND.
• High oscillation stability against the capacitive load of buffer operational amplifiers.

APPLICATION
    Digtal-analog conversion in industrial or home-use electronic equipment.
    Automatic control in combination with EEPROM and microcomputer(Substitute for conventional semi-fixed resistor)




Similar Part No. - M62368GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62368GP RENESAS-M62368GP Datasheet
90Kb / 8P
   3 V Type 8-bit 6ch D/A Converter with Buffer Amplifiers
More results


Similar Description - M62368GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62354P MITSUBISHI-M62354P Datasheet
53Kb / 6P
   8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20166NPSA RENESAS-R2A20166NPSA_15 Datasheet
353Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
M62354P RENESAS-M62354P_15 Datasheet
122Kb / 10P
   8-bit 6ch D/A Converter with Buffer Amplifiers
M62354AGP RENESAS-M62354AGP Datasheet
99Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
R2A20166NP RENESAS-R2A20166NP Datasheet
353Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62361FP MITSUBISHI-M62361FP Datasheet
93Kb / 8P
   8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62354P RENESAS-M62354P Datasheet
136Kb / 10P
   8-bit 6ch D/A Converter with Buffer Amplifiers
M62368GP RENESAS-M62368GP Datasheet
90Kb / 8P
   3 V Type 8-bit 6ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62366GP MITSUBISHI-M62366GP Datasheet
50Kb / 5P
   3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62367GP MITSUBISHI-M62367GP Datasheet
45Kb / 5P
   3V TYPE 8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com