Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2SD1051
(1)
2SD1052
(1)
2SD1055
(1)
2SD1055 - Medium Power Transistor (32V, 2A) - Rohm
Click Here View
2SD1055
Datasheet
Part No.
2SD1055
Description
Medium Power Transistor (32V, 2A)
Download
2SD1055
Click here
to View
File Size
124.57 Kbytes / 4 Pages
Maker
ROHM [Rohm]
Homepage
http://www.rohm.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
2SC2411K
Medium
Power
Transistor
32V
0.5A
Rohm
2SD1664
Medium
Power
Transistor
32V
1A
Rohm
2SD1766
Medium
Power
Transistor
32V
2A
Rohm
2SD1781K
Medium
Power
Transistor
32V
0.8A
Rohm
2SC1741S
Medium
Power
Transistor
32V
0.5A
Rohm
2SC4097
Medium
Power
Transistor
32V
0.5A
Rohm
BD180
Plastic
Medium
Power
Silicon
PNP
Transistor
Motorola, Inc
NTE130
Silicon
Power
Transistor
Audio
Power
Amp
Medium
Speed
Switch
NTE Electronics
2N1893
NPN
medium
power
transistor
NXP Semiconductors
BDP31
NPN
medium
power
transistor
NXP Semiconductors
Link URL :
Related keyword
2SD1055 Datasheet
2SD1055 Cross Reference
2SD1055 Schematic
2SD1055 Distributor
2SD1055 Datenblatt
2SD1055 RoHS
2SD1055 Equivalent
2SD1055 Application Notes
2SD1055 Data Sheet
2SD1055 components
2SD1055 Fiche Technique
2SD1055 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer