Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD12KA5WF Datasheet (PDF) - Rohm

BD12KA5WF Datasheet PDF - Rohm
Part # BD12KA5WF
Download  BD12KA5WF Download

File Size   329.25 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC

BD12KA5WF Datasheet (PDF)

Go To PDF Page Download Datasheet
BD12KA5WF Datasheet PDF - Rohm

Part # BD12KA5WF
Download  BD12KA5WF Click to download

File Size   329.25 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC

BD12KA5WF Datasheet (HTML) - Rohm

BD12KA5WF Datasheet HTML 1Page - Rohm BD12KA5WF Datasheet HTML 2Page - Rohm BD12KA5WF Datasheet HTML 3Page - Rohm BD12KA5WF Datasheet HTML 4Page - Rohm BD12KA5WF Datasheet HTML 5Page - Rohm BD12KA5WF Datasheet HTML 6Page - Rohm

BD12KA5WF Product details

General Description
The BDxxKA5 series are low-saturation regulators that are available for output currents up to 500mA. The output voltage precision is ± 1%. These LDO regulators are offered in several output voltages and package lineups with or without ON/OFF switches (that set the circuit current to 0μA at shutdown). This series can be used for a broad spectrum of applications ranging from TVs and car audio systems to HDDs, PCs, and DVDs. There regulators have a built-in overcurrent protection circuit that prevents the destruction of the IC, due to output short circuits and a thermal shutdown circuit.

Features
■ Output voltage precision: ±1%
■ Low-saturation voltage with PMOS output: 0.12V Typ.(Io=200mA)
■ Built-in over-current protection circuit
■ Built-in thermal shutdown circuit
■ Shutdown switch (BDxxKA5WFP and BDxxKA5WF series)
■ Ceramic capacitor compatible (recommended capacitance: 1μF or greater)

Applications
    Microcontrollers and all electronic devices that use logic circuit




Similar Part No. - BD12KA5WF

ManufacturerPart #DatasheetDescription
logo
Rohm
BD12KA5WF ROHM-BD12KA5WF Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD12KA5WF-E2 ROHM-BD12KA5WF-E2 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
BD12KA5WF-E2 ROHM-BD12KA5WF-E2 Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
BD12KA5WFP ROHM-BD12KA5WFP Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD12KA5WFP ROHM-BD12KA5WFP Datasheet
324Kb / 6P
   Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
More results


Similar Description - BD12KA5WF

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXKA5WFP ROHM-BDXXKA5WFP Datasheet
324Kb / 6P
   Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
BD00KA5WF ROHM-BD00KA5WF Datasheet
212Kb / 6P
   Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
BD00KA5WFP ROHM-BD00KA5WFP Datasheet
210Kb / 6P
   Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
BDXXKA5FP ROHM-BDXXKA5FP Datasheet
309Kb / 6P
   Low ESR Capacitor, Low Dropout 500mA Regulator IC
BD00D0AWHFP ROHM-BD00D0AWHFP Datasheet
178Kb / 5P
   Low ESR capacitor,2A Low Dropout Voltage Regulator with Shut Down Switch竊뉯djustable Voltage竊
BD00C0AWCP-V5 ROHM-BD00C0AWCP-V5 Datasheet
128Kb / 5P
   Low ESR capacitor, 1A Low Dropout Voltage Regulator with Shut Down Switch竊뉯djustable Voltage竊
BD90C0AFPS ROHM-BD90C0AFPS Datasheet
141Kb / 5P
   Low ESR Capacitor, 1A Low Dropout Voltage Regulator
BD80C0AFPS ROHM-BD80C0AFPS Datasheet
140Kb / 5P
   Low ESR Capacitor, 1A Low Dropout Voltage Regulator
BAXXBC0WFP ROHM-BAXXBC0WFP Datasheet
372Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BAXXBC0WT-V5 ROHM-BAXXBC0WT-V5 Datasheet
372Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com