Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT5C1005 Datasheet (PDF) - Austin Semiconductor

MT5C1005 Datasheet PDF - Austin Semiconductor
Part # MT5C1005
Download  MT5C1005 Download

File Size   182.14 Kbytes
Page   13 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 256K x 4 SRAM SRAM MEMORY ARRAY

MT5C1005 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT5C1005 Datasheet PDF - Austin Semiconductor

Part # MT5C1005
Download  MT5C1005 Click to download

File Size   182.14 Kbytes
Page   13 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 256K x 4 SRAM SRAM MEMORY ARRAY

MT5C1005 Datasheet (HTML) - Austin Semiconductor

Back Button MT5C1005 Datasheet HTML 1Page - Austin Semiconductor MT5C1005 Datasheet HTML 2Page - Austin Semiconductor MT5C1005 Datasheet HTML 3Page - Austin Semiconductor MT5C1005 Datasheet HTML 4Page - Austin Semiconductor MT5C1005 Datasheet HTML 5Page - Austin Semiconductor MT5C1005 Datasheet HTML 6Page - Austin Semiconductor MT5C1005 Datasheet HTML 7Page - Austin Semiconductor MT5C1005 Datasheet HTML 8Page - Austin Semiconductor MT5C1005 Datasheet HTML 9Page - Austin Semiconductor MT5C1005 Datasheet HTML 10Page - Austin Semiconductor Next Button 

MT5C1005 Product details

GENERAL DESCRIPTION
The Austin Semiconductor SRAM family employs high-speed, low power CMOS designs fabricated using double-layer metal, double-layer polysilicon technology.

FEATURES
• High Speed: 20, 25, 35, and 45
• Battery Backup: 2V data retention
• Low power standby
• High-performance, low-power CMOS double-metal process
• Single +5V (+10%) Power Supply
• Easy memory expansion with CE and OE options.
• All inputs and outputs are TTL compatible




Similar Part No. - MT5C1005

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
103Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
MT5C1005C-20/883C AUSTIN-MT5C1005C-20/883C Datasheet
103Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
MT5C1005C-20/IT AUSTIN-MT5C1005C-20/IT Datasheet
103Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
MT5C1005C-20/XT AUSTIN-MT5C1005C-20/XT Datasheet
103Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
MT5C1005C-20L/883C AUSTIN-MT5C1005C-20L/883C Datasheet
103Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
More results


Similar Description - MT5C1005

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005_05 Datasheet
103Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
MT5C6404 AUSTIN-MT5C6404 Datasheet
111Kb / 10P
   16K x 4 SRAM SRAM MEMORY ARRAY
logo
List of Unclassifed Man...
MT5C6405 ETC1-MT5C6405 Datasheet
124Kb / 11P
   16K x 4 SRAM SRAM MEMORY ARRAY
logo
Austin Semiconductor
MT5C2564 AUSTIN-MT5C2564_05 Datasheet
94Kb / 12P
   64K x 4 SRAM SRAM MEMORY ARRAY
MT5C6405 AUSTIN-MT5C6405 Datasheet
81Kb / 11P
   16K x 4 SRAM SRAM MEMORY ARRAY
MT5C2565 AUSTIN-MT5C2565 Datasheet
122Kb / 11P
   64K x 4 SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
MT5C6401 AUSTIN-MT5C6401 Datasheet
132Kb / 10P
   64K x 1 SRAM SRAM MEMORY ARRAY
MT5C1001 AUSTIN-MT5C1001_05 Datasheet
100Kb / 13P
   1M x 1 SRAM SRAM MEMORY ARRAY
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com