Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLD1332V Datasheet (PDF) - Sony Corporation

SLD1332V Datasheet PDF - Sony Corporation
Part # SLD1332V
Download  SLD1332V Download

File Size   81.22 Kbytes
Page   3 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 670nm, 500mW LASER DIODE

SLD1332V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD1332V Datasheet PDF - Sony Corporation

Part # SLD1332V
Download  SLD1332V Click to download

File Size   81.22 Kbytes
Page   3 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 670nm, 500mW LASER DIODE

SLD1332V Datasheet (HTML) - Sony Corporation

SLD1332V Datasheet HTML 1Page - Sony Corporation SLD1332V Datasheet HTML 2Page - Sony Corporation SLD1332V Datasheet HTML 3Page - Sony Corporation

SLD1332V Product details

Description
The SLD1332V is a high power visible laser diode.
This laser diode has high brightness 500mW which can be achieved by QW structure.

Features
• High output power
    Recommended optical power output: Pop=500mW
• QW structure
• 9mm Can-type Package

Application
• Measurement




Similar Part No. - SLD1332V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLD1332V ETC1-SLD1332V Datasheet
37Kb / 2P
   The Industrys Highest Power 670 nm Band Laser Diode Achieves 500 mW Optical Power Output
More results


Similar Description - SLD1332V

ManufacturerPart #DatasheetDescription
logo
Lumics GmbH
LUXXXXAYYY LUMICS-LUXXXXAYYY Datasheet
387Kb / 3P
   Diode Laser @ 670nm - 1940nm up to 830W
2021-06-28
logo
Sony Corporation
SLD303V SONY-SLD303V Datasheet
131Kb / 7P
   500mW HIGH POWER LASER DIODE
SLD303XT SONY-SLD303XT Datasheet
157Kb / 7P
   500mW High Power Laser Diode
SLD303WT SONY-SLD303WT Datasheet
154Kb / 7P
   500mW HIGH POWER LASER DIODE
logo
DB Lectro Inc
6750-7241-AU DBLECTRO-6750-7241-AU Datasheet
78Kb / 1P
   670nm 5 mW Laser Diodes AUTO PACKAGE
logo
Sony Corporation
SLD303B SONY-SLD303B Datasheet
116Kb / 6P
   BLOCK-TYPE 500mW HIGH POWER LASER DIODE
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
   500mW ZENER DIODE
logo
Microsemi Corporation
1N5518BUR MICROSEMI-1N5518BUR_08 Datasheet
123Kb / 2P
   ZENER DIODE, 500mW
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com