Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADD8710 Datasheet (PDF) - Analog Devices

ADD8710 Datasheet PDF - Analog Devices
Part # ADD8710
Download  ADD8710 Download

File Size   233.26 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 - CHANNEL GAMMA BUFFER WITH V-COM DRIVER

ADD8710 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADD8710 Datasheet PDF - Analog Devices

Part # ADD8710
Download  ADD8710 Click to download

File Size   233.26 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 - CHANNEL GAMMA BUFFER WITH V-COM DRIVER

ADD8710 Datasheet (HTML) - Analog Devices

Back Button ADD8710 Datasheet HTML 1Page - Analog Devices ADD8710 Datasheet HTML 2Page - Analog Devices ADD8710 Datasheet HTML 3Page - Analog Devices ADD8710 Datasheet HTML 4Page - Analog Devices ADD8710 Datasheet HTML 5Page - Analog Devices ADD8710 Datasheet HTML 6Page - Analog Devices ADD8710 Datasheet HTML 7Page - Analog Devices ADD8710 Datasheet HTML 8Page - Analog Devices ADD8710 Datasheet HTML 9Page - Analog Devices ADD8710 Datasheet HTML 10Page - Analog Devices Next Button 

ADD8710 Product details

GENERAL DESCRIPTION

The ADD8710 is a low cost, 10-channel gamma buffer with a VCOMdriver that operates from a single supply. The part is designed for high resolution TFT LCD panels, and is built on an advanced, high voltage CBCMOS process.



FEATURES

Single-supply operation: 4.5 V to 16.5V

Upper/lower buffers swing to VS/GND

Gamma continuous output current: >10 mA

VCOM peak output current: 250 mA

Offset voltage: 12 mV

Slew rate: 8 V/µs

Unity gain stable with large capacitive loads

Supply current: 700 µA per amplifier

Compact 28-lead TSSOP

Pb-free package

Drop-in replacement for BUF11702



APPLICATIONS

TFT LCD monitor panels

TFT LCD notebook panels




Similar Part No. - ADD8710

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
More results


Similar Description - ADD8710

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
logo
Burr-Brown (TI)
BUF11705 BURR-BROWN-BUF11705 Datasheet
304Kb / 17P
   22 - V Supply, 10 1 Channel Gamma Correction Buffer
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8709 AD-ADD8709_15 Datasheet
520Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. A
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
logo
Maxim Integrated Produc...
DS3508 MAXIM-DS3508 Datasheet
193Kb / 14P
   I2C, 8-Channel Gamma Buffer with EEPROM
Rev 1; 3/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com