Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXV7002 Datasheet (PDF) - Freescale Semiconductor, Inc

MPXV7002 Datasheet PDF - Freescale Semiconductor, Inc
Part # MPXV7002
Download  MPXV7002 Download

File Size   335.14 Kbytes
Page   10 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated

MPXV7002 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPXV7002 Datasheet PDF - Freescale Semiconductor, Inc

Part # MPXV7002
Download  MPXV7002 Click to download

File Size   335.14 Kbytes
Page   10 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated

MPXV7002 Datasheet (HTML) - Freescale Semiconductor, Inc

MPXV7002 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV7002 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV7002 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV7002 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV7002 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV7002 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV7002 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV7002 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV7002 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXV7002 Datasheet HTML 10Page - Freescale Semiconductor, Inc

MPXV7002 Product details

The MPXV7002 series piezoresistive transducers are state-of-the-art monolithic silicon pressure sensors designed for a wide range of applications, but particularly those employing a microcontroller or microprocessor with A/D inputs. This transducer combines advanced micromachining techniques, thin-film metallization, and bipolar processing to provide an accurate, high level analog output signal that is proportional to the applied pressure.

Features
• 2.5% Typical Error over +10°C to +60°C with Auto Zero
• 6.25% Maximum Error over +10°C to +60°C without Auto Zero
• Ideally Suited for Microprocessor or Microcontroller-Based Systems
• Thermoplastic (PPS) Surface Mount Package
• Temperature Compensated over +10° to +60°C
• Patented Silicon Shear Stress Strain Gauge
• Available in Differential and Gauge Configurations

Typical Applications
• Hospital Beds
• HVAC
• Respiratory Systems
• Process Control




Similar Part No. - MPXV7002

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXV7002 FREESCALE-MPXV7002 Datasheet
212Kb / 11P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPXV7002 NXP-MPXV7002 Datasheet
277Kb / 13P
   MPXV7002 Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 4, 03/2017
logo
Freescale Semiconductor...
MPXV7002DP FREESCALE-MPXV7002DP Datasheet
205Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV7002DP FREESCALE-MPXV7002DP Datasheet
212Kb / 11P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPXV7002DP NXP-MPXV7002DP Datasheet
277Kb / 13P
   MPXV7002 Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 4, 03/2017
More results


Similar Description - MPXV7002

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5999D FREESCALE-MPX5999D Datasheet
165Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004G FREESCALE-MP3V5004G_10 Datasheet
332Kb / 14P
   Integrated Silicon Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5100 FREESCALE-MPX5100_10 Datasheet
356Kb / 17P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV7007 FREESCALE-MPXV7007 Datasheet
141Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com