Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74AC193 Datasheet (PDF) - Integral Corp.

IN74AC193 Datasheet PDF - Integral Corp.
Part # IN74AC193
Download  IN74AC193 Download

File Size   347.42 Kbytes
Page   7 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description PRESETTABLE 4 - BIT BINARY UP / DOWN COUNTER HIGH - SPEED SILICON - GATE CMOS

IN74AC193 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74AC193 Datasheet PDF - Integral Corp.

Part # IN74AC193
Download  IN74AC193 Click to download

File Size   347.42 Kbytes
Page   7 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description PRESETTABLE 4 - BIT BINARY UP / DOWN COUNTER HIGH - SPEED SILICON - GATE CMOS

IN74AC193 Datasheet (HTML) - Integral Corp.

IN74AC193 Datasheet HTML 1Page - Integral Corp. IN74AC193 Datasheet HTML 2Page - Integral Corp. IN74AC193 Datasheet HTML 3Page - Integral Corp. IN74AC193 Datasheet HTML 4Page - Integral Corp. IN74AC193 Datasheet HTML 5Page - Integral Corp. IN74AC193 Datasheet HTML 6Page - Integral Corp. IN74AC193 Datasheet HTML 7Page - Integral Corp.

IN74AC193 Product details

The IN74AC193 is identical in pinout to the LS/ALS193, HC/HCT193. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALS outputs.

• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA




Similar Part No. - IN74AC193

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC193 IKSEMICON-IN74AC193 Datasheet
382Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
IN74AC193D IKSEMICON-IN74AC193D Datasheet
382Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
IN74AC193N IKSEMICON-IN74AC193N Datasheet
382Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74AC193

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC193 IKSEMICON-IN74AC193 Datasheet
382Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
IN74ACT193 IKSEMICON-IN74ACT193 Datasheet
496Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74ACT193 INTEGRAL-IN74ACT193 Datasheet
364Kb / 7P
   PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT193 KODENSHI-KK74ACT193 Datasheet
508Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
KK74AC193 KODENSHI-KK74AC193 Datasheet
521Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
KK74HC193A KODENSHI-KK74HC193A Datasheet
502Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC193 INTEGRAL-IN74HC193 Datasheet
229Kb / 7P
   Presettable 4-Bit Binary UP/DOWN Counter High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC193A IKSEMICON-IN74HC193A Datasheet
493Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC193 SLS-SL74HC193 Datasheet
68Kb / 7P
   Presettable 4-Bit Binary UP/DOWN Counter
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com