Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA0659 Datasheet (PDF) - DAICO Industries, Inc.

DA0659 Datasheet PDF - DAICO Industries, Inc.
Part # DA0659
Download  DA0659 Download

File Size   38.12 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description PIN DIODE 5 SECTION ATTENUATOR

DA0659 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA0659 Datasheet PDF - DAICO Industries, Inc.

Part # DA0659
Download  DA0659 Click to download

File Size   38.12 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description PIN DIODE 5 SECTION ATTENUATOR

DA0659 Datasheet (HTML) - DAICO Industries, Inc.

DA0659 Datasheet HTML 1Page - DAICO Industries, Inc.

DA0659 Product details

FEATURES
■ 30 - 300 MHz
■ 1 dB LSB, 31 dB Range
■ Constant Phase
■ 2.2 dB Insertion Loss
■ +37 dBm 3rd Order Intercept
■ TTL Driver
■ 38 Pin DIP




Similar Part No. - DA0659

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DA0617 DAICO-DA0617 Datasheet
43Kb / 1P
   Schottky Diode 7 Section Attenuator
DA0620 DAICO-DA0620 Datasheet
160Kb / 1P
   Attenuator 5 Section
DA0645 DAICO-DA0645 Datasheet
157Kb / 1P
   PIN Diode VCA
DA0660 DAICO-DA0660 Datasheet
170Kb / 1P
   PIN Diode 5 Section Attenuator
logo
Delta Electronics, Inc.
DA06D0303A DELTA-DA06D0303A Datasheet
227Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results


Similar Description - DA0659

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CDA0666 DAICO-CDA0666 Datasheet
38Kb / 1P
   PIN Diode 5 Section Attenuator
DA0769 DAICO-DA0769 Datasheet
163Kb / 1P
   PIN Diode 5 Section Attenuator
DA0660 DAICO-DA0660 Datasheet
170Kb / 1P
   PIN Diode 5 Section Attenuator
DA0760 DAICO-DA0760 Datasheet
162Kb / 1P
   PIN Diode 5 Section Attenuator
DAT76191 DAICO-DAT76191 Datasheet
194Kb / 1P
   PIN Diode 7 Section Attenuator
DA0795 DAICO-DA0795 Datasheet
182Kb / 1P
   PIN Diode 7 Section Attenuator
DAO879 DAICO-DAO879 Datasheet
143Kb / 1P
   PIN Diode 1 Section Attenuator
DAT71987 DAICO-DAT71987 Datasheet
180Kb / 1P
   PIN Diode 7 Section Attenuator
DA0844 DAICO-DA0844 Datasheet
40Kb / 1P
   PIN Diode 6 Section Attenuator
logo
List of Unclassifed Man...
DA0295 ETC1-DA0295 Datasheet
47Kb / 1P
   PIN DIODE 7 SECTION ATTENUATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com