Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7810 Datasheet (PDF) - List of Unclassifed Manufacturers

SPT7810 Datasheet PDF - List of Unclassifed Manufacturers
Part # SPT7810
Download  SPT7810 Download

File Size   81.79 Kbytes
Page   10 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER

SPT7810 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7810 Datasheet PDF - List of Unclassifed Manufacturers

Part # SPT7810
Download  SPT7810 Click to download

File Size   81.79 Kbytes
Page   10 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER

SPT7810 Datasheet (HTML) - List of Unclassifed Manufacturers

SPT7810 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT7810 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT7810 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT7810 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT7810 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT7810 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT7810 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT7810 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT7810 Datasheet HTML 9Page - List of Unclassifed Manufacturers SPT7810 Datasheet HTML 10Page - List of Unclassifed Manufacturers

SPT7810 Product details

[SPT]

GENERAL DESCRIPTION
The SPT7810 A/D converter is a 10-bit monolithic converter capable of word rates of a minimum of 20 MSPS. On board track/hold function assures excellent dynamic performance without the need for external components. Drive requirement problems are minimized with an input capacitance of only 5 pF.

FEATURES
• Monolithic 20 MSPS Converter
• On-Chip Track/Hold
• Bipolar ±2.0 V Analog Input
• 60 dB SNR @ 1 MHz Input
• Low Power (1.3 W Typical)
• 5 pF input Capacitance
• ECL Outputs

APPLICATIONS
• Medical Imaging
• Professional Video
• Radar Receivers
• Instrumentation
• Electronic Warfare
• Digital Communications




Similar Part No. - SPT7810

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7810 CADEKA-SPT7810 Datasheet
437Kb / 9P
   10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
More results


Similar Description - SPT7810

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7810 CADEKA-SPT7810 Datasheet
437Kb / 9P
   10-BIT, 20 MSPS, ECL OUTPUT A/D CONVERTER
SPT7814 CADEKA-SPT7814 Datasheet
3Mb / 11P
   10-BIT, 40 MSPS, ECL OUTPUT A/D CONVERTER
logo
List of Unclassifed Man...
SPT7910 ETC2-SPT7910 Datasheet
94Kb / 11P
   12-BIT, 10 MSPS, ECL, A/D CONVERTER
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
   10-BIT, 100 MSPS ECL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7820 CADEKA-SPT7820 Datasheet
194Kb / 11P
   10-BIT, 20 MSPS, TTL OUTPUT, A/D CONVERTER
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
logo
Analog Devices
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com