Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLM6472-8F Datasheet (PDF) - List of Unclassifed Manufacturers

FLM6472-8F Datasheet PDF - List of Unclassifed Manufacturers
Part # FLM6472-8F
Download  FLM6472-8F Download

File Size   256.45 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description C-Band Internally Matched FET

FLM6472-8F Datasheet (PDF)

Go To PDF Page Download Datasheet
FLM6472-8F Datasheet PDF - List of Unclassifed Manufacturers

Part # FLM6472-8F
Download  FLM6472-8F Click to download

File Size   256.45 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description C-Band Internally Matched FET

FLM6472-8F Datasheet (HTML) - List of Unclassifed Manufacturers

FLM6472-8F Datasheet HTML 1Page - List of Unclassifed Manufacturers FLM6472-8F Datasheet HTML 2Page - List of Unclassifed Manufacturers FLM6472-8F Datasheet HTML 3Page - List of Unclassifed Manufacturers FLM6472-8F Datasheet HTML 4Page - List of Unclassifed Manufacturers

FLM6472-8F Product details

[Eudyna]



DESCRIPTION

The FLM6472-8F is a power GaAs FET that is internally matched for standard communication bands to provide optimum power and gain in a 50 ohm system.

Eudyna’s stringent Quality Assurance Program assures the highest reliability and consistent performance.



FEATURES

• High Output Power: P1dB = 39.5dBm (Typ.)

• High Gain: G1dB = 9.5dB (Typ.)

• High PAE: ηadd = 36% (Typ.)

• Low IM3 = -46dBc@Po = 28.5dBm

• Broad Band: 6.4 ~ 7.2GHz

• Impedance Matched Zin/Zout = 50Ω

• Hermetically Sealed Package



 




Similar Part No. - FLM6472-8F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLM6472-12F ETC1-FLM6472-12F Datasheet
283Kb / 4P
   C-Band internally Matched FET
logo
Eudyna Devices Inc
FLM6472-18F EUDYNA-FLM6472-18F Datasheet
283Kb / 4P
   C-Band Internally Matched FET
FLM6472-25F EUDYNA-FLM6472-25F Datasheet
282Kb / 4P
   C-Band Internally Matched FET
logo
List of Unclassifed Man...
FLM6472-4F ETC1-FLM6472-4F Datasheet
254Kb / 4P
   C-Band Internally Matched FET
logo
Eudyna Devices Inc
FLM6472-6F EUDYNA-FLM6472-6F Datasheet
253Kb / 4P
   C-Band Internally Matched FET
More results


Similar Description - FLM6472-8F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLM7179-18F ETC-FLM7179-18F Datasheet
285Kb / 4P
   C-Band Internally Matched FET
FLM5359-12F ETC1-FLM5359-12F Datasheet
298Kb / 4P
   C-Band Internally Matched FET
logo
Eudyna Devices Inc
FLM3135-12F EUDYNA-FLM3135-12F Datasheet
294Kb / 4P
   C-Band Internally Matched FET
FLM3135-18F EUDYNA-FLM3135-18F Datasheet
295Kb / 4P
   C-Band Internally Matched FET
FLM3742-12F EUDYNA-FLM3742-12F Datasheet
296Kb / 4P
   C-Band Internally Matched FET
FLM5359-35F EUDYNA-FLM5359-35F Datasheet
190Kb / 5P
   C-Band Internally Matched FET
FLM6472-25F EUDYNA-FLM6472-25F Datasheet
282Kb / 4P
   C-Band Internally Matched FET
FLM7785-6F EUDYNA-FLM7785-6F Datasheet
235Kb / 4P
   C-Band Internally Matched FET
logo
List of Unclassifed Man...
FLM3439-12F ETC1-FLM3439-12F Datasheet
295Kb / 4P
   C-Band Internally Matched FET
FLM5964-25F ETC1-FLM5964-25F Datasheet
285Kb / 4P
   C-Band Internally Matched FET
FLM5964-12F ETC1-FLM5964-12F Datasheet
285Kb / 4P
   C-Band Internally Matched FET
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com