Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP3-PHASE Datasheet (PDF) - International Rectifier

MTP3-PHASE Datasheet PDF - International Rectifier
Part # MTP3-PHASE
Download  MTP3-PHASE Download

File Size   129.01 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description THREE PHASE BRIDGE

MTP3-PHASE Datasheet (PDF)

Go To PDF Page Download Datasheet
MTP3-PHASE Datasheet PDF - International Rectifier

Part # MTP3-PHASE
Download  MTP3-PHASE Click to download

File Size   129.01 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description THREE PHASE BRIDGE

MTP3-PHASE Datasheet (HTML) - International Rectifier

MTP3-PHASE Datasheet HTML 1Page - International Rectifier MTP3-PHASE Datasheet HTML 2Page - International Rectifier MTP3-PHASE Datasheet HTML 3Page - International Rectifier MTP3-PHASE Datasheet HTML 4Page - International Rectifier MTP3-PHASE Datasheet HTML 5Page - International Rectifier MTP3-PHASE Datasheet HTML 6Page - International Rectifier MTP3-PHASE Datasheet HTML 7Page - International Rectifier MTP3-PHASE Datasheet HTML 8Page - International Rectifier



Similar Part No. - MTP3-PHASE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MTP3 VISHAY-MTP3 Datasheet
145Kb / 8P
   Three Phase Bridge (Power Module) 45 A to 100 A
Revision: 13-Aug-08
logo
Nell Semiconductor Co.,...
MTP30 NELLSEMI-MTP30 Datasheet
1Mb / 3P
   Glass Passivated Three-Phase Bridge Rectifier, 30A
MTP30 NELLSEMI-MTP30 Datasheet
615Kb / 3P
   Glass Passivated Three-Phase Bridge Rectifier
MTP300 NELLSEMI-MTP300 Datasheet
376Kb / 3P
   High surge current capability
MTP300 NELLSEMI-MTP300 Datasheet
669Kb / 3P
   Three-Phase Bridge Rectifier
More results


Similar Description - MTP3-PHASE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
100MT160PA IRF-100MT160PA Datasheet
121Kb / 8P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-110MT80KPBF VISHAY-VS-110MT80KPBF Datasheet
193Kb / 7P
   Three Phase Bridge
Revision: 03-Mar-14
logo
Solid States Devices, I...
RA0010 SSDI-RA0010 Datasheet
54Kb / 2P
   THREE PHASE BRIDGE
logo
International Rectifier
130MT IRF-130MT Datasheet
94Kb / 7P
   THREE PHASE BRIDGE
200MT40KB IRF-200MT40KB Datasheet
75Kb / 6P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-70MT80KPBF VISHAY-VS-70MT80KPBF Datasheet
189Kb / 7P
   Three Phase Bridge
Revision: 27-Feb-14
logo
International Rectifier
26MT IRF-26MT Datasheet
75Kb / 6P
   THREE PHASE BRIDGE
60MT80KB IRF-60MT80KB Datasheet
95Kb / 7P
   THREE PHASE BRIDGE
logo
Solid States Devices, I...
RA0014 SSDI-RA0014 Datasheet
58Kb / 2P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-36MT160 VISHAY-VS-36MT160_15 Datasheet
173Kb / 8P
   Three Phase Bridge
Revision: 09-Apr-15
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com