Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN6561 Datasheet (PDF) - Panasonic Semiconductor

AN6561 Datasheet PDF - Panasonic Semiconductor
Part # AN6561
Download  AN6561 Download

File Size   32.68 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual Operational Amplifiers

AN6561 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN6561 Datasheet PDF - Panasonic Semiconductor

Part # AN6561
Download  AN6561 Click to download

File Size   32.68 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual Operational Amplifiers

AN6561 Datasheet (HTML) - Panasonic Semiconductor

AN6561 Datasheet HTML 1Page - Panasonic Semiconductor AN6561 Datasheet HTML 2Page - Panasonic Semiconductor AN6561 Datasheet HTML 3Page - Panasonic Semiconductor

AN6561 Product details

■ Overview
The AN6561 and AN6561L are dual operational amplifiers with two phase compensation circuits built in, have a wide range of operating supply voltage, and can operate on a single power supply.
They have electrical characteristics equivalent to those of conventional operational amplifiers, and are low powered and suitable for application to various circuits.

■ Features
• Built-in phase compensation circuits
• Wide range of input voltage:0V to VCC –1.5V
• Wide range of operating power supply
• Single power supply:3 to 30V
• Dual power supply:±1.5 to 15V




Similar Part No. - AN6561

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6562 PANASONIC-AN6562 Datasheet
32Kb / 3P
   Dual Operational Amplifiers
AN6562S PANASONIC-AN6562S Datasheet
32Kb / 3P
   Dual Operational Amplifiers
AN6564 PANASONIC-AN6564 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
AN6564NS PANASONIC-AN6564NS Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
AN6567 PANASONIC-AN6567 Datasheet
32Kb / 4P
   Dual High Output Current Operational Amplifiers
More results


Similar Description - AN6561

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com